Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9531 Datasheet HTML 13Page - Analog Devices AD9531 Datasheet HTML 14Page - Analog Devices AD9531 Datasheet HTML 15Page - Analog Devices AD9531 Datasheet HTML 16Page - Analog Devices AD9531 Datasheet HTML 17Page - Analog Devices AD9531 Datasheet HTML 18Page - Analog Devices AD9531 Datasheet HTML 19Page - Analog Devices AD9531 Datasheet HTML 20Page - Analog Devices AD9531 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 88 page
background image
Data Sheet
AD9531
PLL3 CHARACTERISTICS
PLL3 Reference Input (REF3_x)
Table 27.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE INPUT PATH
Input Frequency Range
9.5
100
MHz
Input Sensitivity
200
mV p-p
Minimum Input Slew Rate
100
V/μs
Minimum limit imposed for jitter performance
Common-Mode, Internally
Generated Bias Voltage
1.16
V
Hysteresis
70
mV
Differential Input Capacitance
3
pF
Differential Input Resistance
4.1
kΩ
Duty Cycle
47
53
%
Required for input frequencies below 20 MHz when using a
frequency scale factor of either 2 or 2/3
CRYSTAL MOTIONAL RESISTANCE
100
Ω
Use a fundamental mode AT-cut crystal when operating REF3_x as a
crystal resonator input
PLL3 Outputs OUT3_0
Table 28.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
1.8 V SUPPLY (CMOS)
Output Frequency
150
MHz
10 pF load
Rise/Fall Time (20% to 80%)
1.0
ns
10 pF load; listed value is for the edge (rising or falling) with the
lesser rate of change (|δv/δt|)
Duty Cycle
50
%
10 pF load
Output Voltage High (VOH)
VDD − 0.2
V
Relative to VDD3_01 (Pin 66) with output driver static and IOH = 1 mA
Output Voltage Low (VOL)
0.2
V
Output driver static and IOL = 1 mA
3.3 V SUPPLY (CMOS)
Output Frequency
200
MHz
10 pF load
Rise/Fall Time (20% to 80%)
0.7
ns
10 pF load; listed value is for the edge (rising or falling) with the
lesser rate of change (|δv/δt|)
Duty Cycle
50
%
10 pF load
Output Voltage High (VOH)
VDD − 0.2
V
Relative to VDD3_3V3 (Pin 67) with output driver static and IOH = 1 mA
Output Voltage Low (VOL)
0.2
V
Output driver static and IOL = 1 mA
PLL3 Outputs (OUT3_1x)
Table 29.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
HSTL MODE
Output Frequency
400
MHz
Rise/Fall Time (20% to 80%)
120
170
ps
100 Ω termination across the output pins; listed values are for the
edge (rising or falling) with the lesser rate of change (|δv/δt|)
Duty Cycle
45
50
55
%
Differential Output Voltage
Swing
925
mV
Magnitude of voltage across the pins; output driver static
Common-Mode Output
Voltage
850
mV
Output driver static
Rev. 0 | Page 17 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com