Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 59 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9531 Datasheet HTML 55Page - Analog Devices AD9531 Datasheet HTML 56Page - Analog Devices AD9531 Datasheet HTML 57Page - Analog Devices AD9531 Datasheet HTML 58Page - Analog Devices AD9531 Datasheet HTML 59Page - Analog Devices AD9531 Datasheet HTML 60Page - Analog Devices AD9531 Datasheet HTML 61Page - Analog Devices AD9531 Datasheet HTML 62Page - Analog Devices AD9531 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
Data Sheet
AD9531
Reg.
Addr.
(Hex)
Opt.
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def.
0x020E
B
OUT2_6
Unused
Logic mode, Bits[2:0]
Polarity, Bits[1:0]
Power-
down
ROM
0x020F
B
OUT2_7
Unused
Logic mode, Bits[2:0]
Polarity, Bits[1:0]
Power-
down
ROM
0x0210
B
D2D
D2D [7:0]
ROM
0x0211
B
OUT2_8
Unused
Logic mode, Bits[2:0]
Polarity, Bits[1:0]
Power-
down
ROM
0x0212
B
OUT2_9
Unused
Logic mode, Bits[2:0]
Polarity, Bits[1:0]
Power-
down
ROM
0x0213
B
OUT2_10
Unused
Logic mode, Bits[2:0]
Polarity, Bits[1:0]
Power-
down
ROM
0x0214
B
OUT2_11
Unused
Logic mode, Bits[2:0]
Polarity, Bits[1:0]
Power-
down
ROM
PLL3 Registers
0x0300
B
PLL3 general
registers
Unused
Reserved
XTAL
amplifier
Reserved
Manual
sync
Reserved
Power-
down
ROM
0x0301
B
PLL3
frequency
translation
registers
Unused
×2B
×2A
Reference scaling, Bits[3:0]
ROM
0x0302
B
N3A, Bits[7:0]
ROM
0x0303
B
R3B, Bits[7:0]
ROM
0x0304
B
N3B, Bits[7:0]
ROM
0x0305
B
OUT3_0
Reserved
D3A, Bits[3:0]
ROM
0x0306
B
Unused
3.3 V mode
Reserved
Invert
Power-
down
ROM
0x0307
B
OUT3_1
Reserved
D3B, Bits[3:0]
ROM
0x0308
B
Unused
Logic mode, Bits[3:0]
Polarity, Bits[1:0]
Power-
down
ROM
Rev. 0 | Page 59 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com