Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 69 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 69 Page - Analog Devices

Back Button AD9531 Datasheet HTML 65Page - Analog Devices AD9531 Datasheet HTML 66Page - Analog Devices AD9531 Datasheet HTML 67Page - Analog Devices AD9531 Datasheet HTML 68Page - Analog Devices AD9531 Datasheet HTML 69Page - Analog Devices AD9531 Datasheet HTML 70Page - Analog Devices AD9531 Datasheet HTML 71Page - Analog Devices AD9531 Datasheet HTML 72Page - Analog Devices AD9531 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
Data Sheet
AD9531
PLL2 REGISTERS
PLL2 General Registers—Register 0x0200 Register 0x0201
Table 62. PLL2 General Register Details
Address
Bits
Bit Name
Description
0x0200
[D7:D6]
Unused
Unused.
D5
Reserved
Reserved.
D4
XTAL amplifier
0: configures REF_2P/REF_2N as a differential clock input pair.
1: configures REF_2P/REF_2N as a crystal resonator input. REF_2P/REF_2N is the amplifier input/
output, respectively.
D3
Reserved
Reserved.
D2
Manual sync
Write Logic 1 to arm the distribution synchronization circuit, then write Logic 0 to cause the distribution
channel dividers to synchronize (synchronization occurs on the falling edge of this bit).
D1
Manual calibrate
Logic 1 causes the VCO calibration sequence to execute for PLL2. For robustness, write to this bit
as three operations: Logic 0, Logic 1, then Logic 0.
D0
Power-down
Logic 1 causes a full power-down of PLL2.
0x0201
[D7:D4]
Unused
Unused.
D3
Manual charge
pump current
0: automatic charge pump current control (recommended).
1: enable manual charge pump current control via Register 0x0201, Bits[D2:D0].
[D2:D0]
Charge pump
current [2:0]
Charge pump current control bits. These bits are ineffective when Register 0x0201, Bit D3 = 0.
000: 125 μA.
001: 250 μA.
010: 375 μA.
011: 500 μA.
100: 625 μA.
101: 750 μA.
110: 875 μA.
111: 1000 μA.
PLL2 Frequency Translation Registers—Register 0x0202 to Register 0x0204
Table 63. PLL2 Frequency Translation Register Details
Address
Bits
Bit Name
Description
0x0202
[D7:D4]
Unused
Unused.
[D3:D0]
R2 [3:0]
R2 divider Bit D3 (MSB) to Bit D0. The value of R2 [3:0] results in the following behavior:
0: divides the input frequency by 16.
1 to 15: divides the input frequency by this value.
0x0203
[D7:D0]
N2 [7:0]
N2 Bit D7 (MSB) to Bit D0 (LSB). The value of N2 [7:0] results in the following behavior:
0 to 19: not applicable.
20 to 255: divides by this value.
0x0204
[D7:D4]
Unused
Unused.
[D3:D0]
M2 [3:0]
M2 Bit D3 (MSB) to Bit D0. The value of the M2 [3:0] bits results in the following behavior:
0 to 2: disabled.
3 to 11: divides by this value.
12 to 14: disable.
15: M2 divider reset state. If the user intends to change the M2 divider without performing a
subsequent PLL2 VCO calibration, then program this value (followed by an input/output
update) before programming the a new M2 divider value (followed by an input/output
update). An input/output update is writing Register 0x0005, Bit D0 = 1. The procedure given
here is unnecessary if the user performs a PLL2 VCO calibration after changing the value of M2.
Rev. 0 | Page 69 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com