Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9531 Datasheet HTML 14Page - Analog Devices AD9531 Datasheet HTML 15Page - Analog Devices AD9531 Datasheet HTML 16Page - Analog Devices AD9531 Datasheet HTML 17Page - Analog Devices AD9531 Datasheet HTML 18Page - Analog Devices AD9531 Datasheet HTML 19Page - Analog Devices AD9531 Datasheet HTML 20Page - Analog Devices AD9531 Datasheet HTML 21Page - Analog Devices AD9531 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
AD9531
Data Sheet
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS MODE
Output Frequency
400
MHz
Rise/Fall Time (20% to 80%)
160
ps
100 Ω termination across the output pair; listed value is for the
edge (rising or falling) with the lesser rate of change (|δv/δt|)
Duty Cycle
45
50
55
%
Differential Output Voltage
Swing
Balanced, VOD
247
454
mV
Voltage swing between the output pins; output driver static
Unbalanced, ΔVOD
50
mV
Absolute difference between the voltage swing of the OUT3_xP pin
and the OUT3_xN pin; output driver static
Offset Voltage
Common-Mode, VOS
1.125
1.26
1.375
V
Output driver static
Common-Mode
Difference, ΔVOS
50
mV
Voltage difference between the OUT3_xP pin and the OUT3_xN pin;
output driver static
Short-Circuit Output Current
13
24
mA
Output driver static
CMOS MODE
1.8 V Supply
Output Frequency
150
MHz
10 pF load
Rise/Fall Time (20% to
80%)
1.0
ns
10 pF load; listed value is for the edge (rising or falling) with the
lesser rate of change (|δv/δt|)
Duty Cycle
50
%
10 pF load
Output Voltage High (VOH)
VDD − 0.2
V
Relative to VDD3_01 (Pin 66) with output driver static and
IOH = 1 mA
Output Voltage Low (VOL)
0.2
V
Output driver static and IOL = 1 mA
3.3 V Supply
Output Frequency
200
MHz
10 pF load
Rise/Fall Time (20% to
80%)
0.7
ns
10 pF load; listed value is for the edge (rising or falling) with the
lesser rate of change (|δv/δt|)
Duty Cycle
50
%
10 pF load
Output Voltage High (VOH)
VDD − 0.2
V
Relative to VDD3_3V3 (Pin 67) with output driver static and
IOH = 1 mA
Output Voltage Low (VOL)
0.2
V
Output driver static and IOL = 1 mA
PLL3 VCO and PFD Characteristics
The specifications in Table 30 apply to both the input and output PLLs of PLL3.
Table 30.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VCO FREQUENCY
RANGE
720
805
MHz
An additional 200 ppm margin is allowed beyond these limits to accommodate input
reference drift
PLL FIGURE OF
MERIT (FOM)
−215
dBc/Hz
Measured at 100 kHz offset from the output frequency under the following conditions:
fR = 10 MHz (3.3 V CMOS single-ended input), fOUT = 125 MHz (HSTL output)
PFD FREQUENCY
RANGE
9.5
100
MHz
Rev. 0 | Page 18 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com