Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9531 Datasheet HTML 19Page - Analog Devices AD9531 Datasheet HTML 20Page - Analog Devices AD9531 Datasheet HTML 21Page - Analog Devices AD9531 Datasheet HTML 22Page - Analog Devices AD9531 Datasheet HTML 23Page - Analog Devices AD9531 Datasheet HTML 24Page - Analog Devices AD9531 Datasheet HTML 25Page - Analog Devices AD9531 Datasheet HTML 26Page - Analog Devices AD9531 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
Data Sheet
AD9531
Pin No.
Mnemonic
Supply Domain
Description
25
REF1_AN
3.3 V
PLL1 REF_A Input (Negative). When operating the REF_A input in single-ended mode, this
pin becomes inoperative (internally disconnected) and must be connected to ground or
left floating.
26
REF1_SEL
3.3 V
PLL1 Manual REF_A/REF_B Input Select.
27
REF1_BP
3.3 V
PLL1 REF_B Input (Positive). Use this pin when operating the REF_B input in single-ended
mode.
28
REF1_BN
3.3 V
PLL1 REF_B Input (Negative). When operating the REF_B input in single-ended mode, this
pin becomes inoperative (internally disconnected) and must be connected to ground or
left floating.
29
VDD1
1.8 V
PLL1 Power Supply for the Input Circuitry Following the REF1_A/REF1_B Receivers.
30
VDD1_3V3
3.3 V
PLL1 Power Supply for the Low Dropout (LDO) Input.
31
LDOREG1
3.3 V
PLL1 LDO Regulated Supply for the VCO Core. Connect a 220 nF capacitor between this pin
and ground.
32
LF
3.3 V
Loop Filter.
33
RFIN1_P
3.3 V
PLL1 External VCO/VCXO Input (Positive).
34
RFIN1_N
3.3 V
PLL1 External VCO/VCXO Input (Negative).
35
VDD1
1.8 V
PLL1 Power Supply for the Output Distribution Circuitry.
36
OUT1_0P
1.8 V
PLL1 Output 0 (Positive).
37
OUT1_0N
1.8 V
PLL1 Output 0 (Negative).
38
OUT1_1P
1.8 V
PLL1 Output 1 (Positive).
39
OUT1_1N
1.8 V
PLL1 Output 1 (Negative).
40
VDD1_03
1.8 V
PLL1 Power Supply for Channel Outputs OUT1_0 Through OUT1_3.
41
OUT1_2P
1.8 V
PLL1 Output 2 (Positive).
42
OUT1_2N
1.8 V
PLL1 Output 2 (Negative).
43
OUT1_3P
1.8 V
PLL1 Output 3 (Positive).
44
OUT1_3N
1.8 V
PLL1 Output 3 (Negative).
45
OUT1_4P
1.8 V
PLL1 Output 4 (Positive).
46
OUT1_4N
1.8 V
PLL1 Output 4 (Negative).
47
OUT1_5P
1.8 V
PLL1 Output 5 (Positive).
48
OUT1_5N
1.8 V
PLL1 Output 5 (Negative).
49
VDD1_47
1.8 V
PLL1 Power Supply for Channel Outputs OUT1_4 Through OUT1_7.
50
OUT1_6P
1.8 V
PLL1 Output 6 (Positive).
51
OUT1_6N
1.8 V
PLL1 Output 6 (Negative).
52
OUT1_7P
1.8 V
PLL1 Output 7 (Positive).
53
OUT1_7N
1.8 V
PLL1 Output 7 (Negative).
54
LDET1/M1
1.8 V/3.3 V
PLL1 Lock Detect. This is a multifunction pin.
55
OUT1_8P
1.8 V
PLL1 Output 8 (Positive).
56
OUT1_8N
1.8 V
PLL1 Output 8 (Negative).
57
VDD1_89
1.8 V
PLL1 Power Supply for Channel Outputs OUT1_8 Through OUT1_9.
58
OUT1_9P
1.8 V
PLL1 Output 9 (Positive).
59
OUT1_9N
1.8 V
PLL1 Output 9 (Negative).
60
LDET3/M3
1.8 V/3.3 V
PLL3 Lock Detect. This is a multifunction pin.
61
VDD3
1.8 V
PLL3 Power Supply for Input Circuitry of the First PLL in the 2 PLL Cascade of PLL3.
62
REF3_P
1.8 V
PLL3 Reference Input (Positive).
63
REF3_N
1.8 V
PLL3 Reference Input (Negative).
64
VDD3
1.8 V
PLL3 Power Supply for the Output Circuitry of PLL3A and Input Circuitry of PLL3B.
65
OUT3_0
1.8 V/3.3 V
PLL3 Output 0.
66
VDD3_01
1.8 V
PLL3 Power Supply for Channel Outputs OUT3_0 Through OUT3_1.
67
VDD3_3V3
3.3 V
PLL3 Power Supply for the Output Circuitry.
68
OUT3_1P
1.8 V/3.3 V
PLL3 Output 1 (Positive).
69
OUT3_1N
1.8 V/3.3 V
PLL3 Output 1 (Negative).
70
VDD2_3V3
3.3 V
PLL2 Power Supply for the LDO Input.
71
LDOREG2
1.8 V
PLL2 LDO Regulated Supply for the VCO Core. Connect a 220 nF capacitor between this pin
and ground.
Rev. 0 | Page 23 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com