Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9531 Datasheet HTML 10Page - Analog Devices AD9531 Datasheet HTML 11Page - Analog Devices AD9531 Datasheet HTML 12Page - Analog Devices AD9531 Datasheet HTML 13Page - Analog Devices AD9531 Datasheet HTML 14Page - Analog Devices AD9531 Datasheet HTML 15Page - Analog Devices AD9531 Datasheet HTML 16Page - Analog Devices AD9531 Datasheet HTML 17Page - Analog Devices AD9531 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 88 page
background image
AD9531
Data Sheet
PLL2 Distribution Clock Outputs (OUT2_0x to OUT2_11x)
Table 19.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
HSTL MODE
Specifications assume a 100 Ω termination across differential output pins
Output Frequency
400
MHz
Rise/Fall Time (20% to
80%)
120
170
ps
Listed values are for the edge (rising or falling) with the lesser rate of
change (|δv/δt|)
Duty Cycle
Up to fOUT = 400 MHz
45
50
55
%
Differential Output
Voltage Swing
950
mV
Magnitude of voltage across pins; output driver static
Common-Mode Output
Voltage
870
mV
Output driver static
CMOS MODE
Output Frequency
150
MHz
10 pF load
Rise/Fall Time (20% to
80%)
1.0
ns
10 pF load; listed value is for the edge (rising or falling) with the lesser
rate of change (|δv/δt|)
Duty Cycle
50
%
10 pF load
Output Voltage High (VOH)
VDD −
0.2
V
Relative to the VDD2_01, VDD2_24, VDD2_57, and VDD2_811 pins,
with output driver static and IOH = 1 mA
Output Voltage Low (VOL)
0.2
V
Output driver static and IOL = 1 mA
PLL2 Output Timing Skew Matrix (HSTL Mode)
Entries in Table 20 are typical with units of picoseconds (ps) and only apply with a channel divider input frequency less than 650 MHz.
Any blank cell shown in Table 20 indicates an empty space in the matrix.
Table 20.
OUT2_x1
Group 2A
Group 2B
Group 2C
Group 2D
0
1
2
3
4
5
6
7
8
9
10
11
0
20
100
100
100
100
100
100
100
100
100
100
1
100
100
100
100
100
100
100
100
100
100
2
20
20
100
100
100
100
100
100
100
3
20
100
100
100
100
100
100
100
4
100
100
100
100
100
100
100
5
20
20
100
100
100
100
6
20
100
100
100
100
7
100
100
100
100
8
20
20
20
9
20
20
10
20
11
1
OUT2_x refers to one of the 12 output channels associated with PLL2.
Rev. 0 | Page 14 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com