Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9531 Datasheet HTML 37Page - Analog Devices AD9531 Datasheet HTML 38Page - Analog Devices AD9531 Datasheet HTML 39Page - Analog Devices AD9531 Datasheet HTML 40Page - Analog Devices AD9531 Datasheet HTML 41Page - Analog Devices AD9531 Datasheet HTML 42Page - Analog Devices AD9531 Datasheet HTML 43Page - Analog Devices AD9531 Datasheet HTML 44Page - Analog Devices AD9531 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
Data Sheet
AD9531
PLL2
FIXED INTERNAL
LOOP FILTER
VCO
REFERENCE
DETECTOR
DLD
VDD2
LDET2/M2
REF2_N
REF2_P
OUT2_0x
÷ R2
÷ N2
÷ M2
÷ D2A
÷ D2D
÷ D2B
÷ D2C
RZ
C3
CP
CZ
PFD
CHARGE
PUMP
2.4GHz TO
2.5GHz
R3
OUT2_1x
OUT2_2x
OUT2_3x
OUT2_4x
OUT2_5x
OUT2_6x
OUT2_7x
OUT2_8x
OUT2_9x
OUT2_10x
OUT2_11x
Figure 22. PLL2 Block Diagram
PLL2—INTEGER-N PLL
PLL2 is a fully integrated integer-N PLL that includes a VCO
and internal loop filter (see Figure 22). PLL2 has a single reference
input supporting either a differential clock signal or a crystal
resonator. PLL2 has an output distribution section supporting
twelve outputs segregated into four groups. Each group has a
dedicated channel divider, allowing the device to produce four
different output frequencies simultaneously.
PLL2 reduces the reference input frequency (fREF) via the R2
divider by an integer factor (see the PLL2 Reference Divider
(R2) section), setting the frequency at the input to the PFD.
R2
f
f
REF
PFD =
where R2 is an element of the following set: {1, 2 ... 16}.
The PLL core scales the PFD frequency up by an integer
multiple per the feedback divider, N2, yielding the VCO
frequency.
fVCO = fPFD × N2
where N2 is an element of the following set: {20, 21 ... 255}.
The VCO divider, M2, and the channel dividers (D2x) produce
the final output frequency, fOUT2.
D2
M2
f
f
VCO
OUT2
×
=
where:
fOUT2 is the frequency at OUT2_x.
D2 is the channel divider (D2A, D2B, D2C, or D2D) associated
with OUT2_x.
M2 is an element of the following set: {3, 4 ... 11}.
D2 is an element of the following set: {1, 2 ... 256}.
By substitution, the overall frequency translation is
D2
M2
N2
R2
f
f
REF
OUT2
×
×
=
PLL2 REFERENCE CLOCK INPUT (REF2_P/REF2_N)
The differential receiver associated with the REF2_P and
REF2_N pins has a 1.8 V supply. Typically, the user drives the
reference input with a differential signal compatible with 1.8 V
logic levels. For applications with a 3.3 V CMOS reference, see
the Driving REF2 or REF3 with 3.3 V CMOS Logic in the
Applications Information section for more details.
PLL2 REFERENCE DIVIDER (R2)
The function of R2 is to reduce the reference frequency to a
range suitable for the phase detector (125 MHz, maximum). R2
divides by an integer factor ranging from 1 to 16 (see Table 63).
PLL2 PFD AND CHARGE PUMP
The PLL2 PFD determines the phase difference between the
edges of the reference divider output and edges of the feedback
divider output. The circuit provides two pulse-width modulated
output signals: an up pulse and a down pulse. These up/down
pulses drive the charge pump circuit. The instantaneous phase
error determines the amount of charge delivered from the charge
pump to the loop filter. The closed-loop of the PLL tends to drive
the frequency and phase difference between the two PFD input
signals toward 0.
The control logic associated with PLL2 sets the charge pump
current based on the value of the feedback divider, N2, to maintain
a nearly constant loop bandwidth of 500 kHz, nominal.
Rev. 0 | Page 41 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com