Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 48 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9531 Datasheet HTML 44Page - Analog Devices AD9531 Datasheet HTML 45Page - Analog Devices AD9531 Datasheet HTML 46Page - Analog Devices AD9531 Datasheet HTML 47Page - Analog Devices AD9531 Datasheet HTML 48Page - Analog Devices AD9531 Datasheet HTML 49Page - Analog Devices AD9531 Datasheet HTML 50Page - Analog Devices AD9531 Datasheet HTML 51Page - Analog Devices AD9531 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
AD9531
Data Sheet
Table 47. OUT3_1 Output Modes
Logic Mode,
Bits[3:0]
Description
0000
Disabled
0001
HSTL
0010
LVDS
0011
Undefined
0100
1.8 V CMOS, OUT3_1P active, OUT3_1N active
0101
1.8 V CMOS, OUT3_1P active, OUT3_1N disabled
0110
1.8 V CMOS, OUT3_1P disabled, OUT3_1N active
0111 to 1011
Undefined
1100
3.3 V CMOS, OUT3_1P active, OUT3_1N active
1101
3.3 V CMOS, OUT3_1P active, OUT3_1N disabled
1110
3.3 V CMOS, OUT3_1P disabled, OUT3_1N active
1111
Undefined
When the user programs OUT3_1 for 1.8 V or 3.3 V CMOS
mode, the polarity of the driver is also programmable (via the
polarity bits for PLL3 in the register map). That is, the logical
sense of the output pin, OUT3_1P or OUT3_1N, is invertible.
Table 48 summarizes the polarity options (normal vs. inverted).
Table 48. Output Polarity, 1.8 V or 3.3 V CMOS Only
Polarity, Bits[1:0]
Description
00
OUT3_1P normal, OUT3_1N inverted
01
OUT3_1P normal, OUT3_1N normal
10
OUT3_1P inverted, OUT3_1N inverted
11
OUT3_1P inverted, OUT3_1N normal
Furthermore, the OUT3_1 driver has independent power-down
control via Register 0x0308, Bit D0.
Rev. 0 | Page 48 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com