Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 75 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 75 Page - Analog Devices

Back Button AD9531 Datasheet HTML 71Page - Analog Devices AD9531 Datasheet HTML 72Page - Analog Devices AD9531 Datasheet HTML 73Page - Analog Devices AD9531 Datasheet HTML 74Page - Analog Devices AD9531 Datasheet HTML 75Page - Analog Devices AD9531 Datasheet HTML 76Page - Analog Devices AD9531 Datasheet HTML 77Page - Analog Devices AD9531 Datasheet HTML 78Page - Analog Devices AD9531 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 88 page
background image
Data Sheet
AD9531
PLL3 REGISTERS
PLL3 General Register—Register 0x0300
Table 68. PLL3 General Register Details
Address
Bits
Bit Name
Description
0x0300
[D7:D6]
Unused
Unused.
D5
Reserved
Reserved.
D4
XTAL amplifier
0: configures REF_3P/REF_3N as a differential clock input pair.
1: configures REF_3P/REF_3N as a crystal resonator input. REF_3P/REF_3N is amplifier input/output,
respectively.
D3
Reserved
Reserved.
D2
Manual sync
Write Logic 1 to arm the distribution synchronization circuit, then write Logic 0 to cause the
distribution channel dividers to synchronize (synchronization occurs on the falling edge of this bit).
D1
Reserved
Reserved.
D0
Power-down
Logic 1 causes a full power-down of PLL3.
PLL3 Frequency Translation Registers—Register 0x0301 to Register 0x0304
Table 69. PLL3 Frequency Translation Register Details
Address
Bits
Bit Name
Description
0x0301
[D7:D6]
Unused
Unused.
D5
×2B
Logic 1 enables the ×2 VCO frequency multiplier of PLL3B.
D4
×2A
Logic 1 enables the ×2 VCO frequency multiplier of PLL3A.
[D3:D0]
Reference scaling [3:0]
Reference scaling, Bit D3 (MSB) to Bit D0 (LSB). The value of the reference scaling bits
results in the following behavior:
0: disables reference input section.
1: passes the input frequency unaltered (bypasses R3A).
2: divides the input frequency by 1.5.
3: divides the input frequency by 2.
4: divides the input frequency by 3.
5: divides the input frequency by 4.
6: divides the input frequency by 6.
7: divides the input frequency by 8.
8 to 15: multiplies the input frequency by a factor of 2.
0x0302
[D7:D0]
N3A [7:0]
N3A Bit D7 (MSB) to Bit D0 (LSB). The value of N3A [7:0] results in the following
behavior (avoid values not included in the following ranges):
0: bypasses PLL3A.
8 to 80: divides by this value when ×2A = 0.
15 to 161: divides by this value when ×2A = 1.
0x0303
[D7:D0]
R3B [7:0]
R3B Bit D7 (MSB) to Bit D0 (LSB). The value of R3B [7:0] results in the following
behavior (avoid values not included in the following ranges):
0: bypasses R3B divider.
2 to 10: divides by this value when N3 = 0.
8 to 80: divides by this value when N3 ≠ 0.
0x0304
[D7:D0]
N3B [7:0]
N3B Bit D7 (MSB) to Bit D0 (LSB). The value of N3B [7:0] results in the following
behavior (avoid values not included in the following ranges):
0: bypasses PLL3B.
8 to 80: divides by this value when ×2B = 0.
15 to 161: divides by this value when ×2B = 1.
Rev. 0 | Page 75 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com