Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 62 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD9531 Datasheet HTML 58Page - Analog Devices AD9531 Datasheet HTML 59Page - Analog Devices AD9531 Datasheet HTML 60Page - Analog Devices AD9531 Datasheet HTML 61Page - Analog Devices AD9531 Datasheet HTML 62Page - Analog Devices AD9531 Datasheet HTML 63Page - Analog Devices AD9531 Datasheet HTML 64Page - Analog Devices AD9531 Datasheet HTML 65Page - Analog Devices AD9531 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 88 page
background image
AD9531
Data Sheet
Address
Bits
Bit Name
Description
D4
REF3 LOR
0: disallows loss of reference indication on the LOR/M4 pin by PLL3.
1: allows loss of reference indication on the LOR/M4 pin by PLL3.
D3
REF2 LOR
0: disallows loss of reference indication on the LOR/M4 pin by PLL2.
1: allows loss of reference indication on the LOR/M4 pin by PLL2.
D2
Active REF1 LOR
0: disallows loss of reference indication on the LOR/M4 pin by the active reference of PLL1.
1: allows loss of reference indication on the LOR/M4 pin by the active reference (REF1_A or
REF1_B) of PLL1.
D1
REF1B LOR
0: disallows loss of reference indication on the LOR/M4 pin by REF1_B of PLL1.
1: allows loss of reference indication on the LOR/M4 pin by REF1_B of PLL1.
D0
REF1A LOR
0: disallows loss of reference indication on the LOR/M4 pin by REF1_A of PLL1.
1: allows loss of reference indication on the LOR/M4 pin by REF1_A of PLL1.
0x0085
D7
Reserved
Reserved.
D6
3.3 V mode
This bit controls the output drive voltage of OUT3_0 when any bit of Register 0x0085, Bits[D4:D0] is
Logic 1. In this case, OUT3_0 is a static logic output indicating LOR status per the drive voltage
specified at this bit location (the drive voltage specified by this bit overrides Register 0x0306, Bit D3).
0: OUT3_0 pin = 1.8 V mode LOR indication.
1: OUT3_0 pin = 3.3 V mode LOR indication.
D5
Invert
This bit controls the logical sense of OUT3_0 when any bit of Register 0x0085, Bits[D4:D0] is Logic 1.
In this case, OUT3_0 is a static logic output indicating LOR status with the logical sense specified
at this bit location (the logical sense specified by this bit overrides Register 0x0306, Bit D1).
0: OUT3_0 pin normal (active high logic).
1: OUT3_0 pin inverted (active low logic).
D4
REF3 LOR
0: disallows loss of reference indication on the OUT3_0 pin by PLL3.
1: allows loss of reference indication on the OUT3_0 pin by PLL3.
D3
REF2 LOR
0: disallows loss of reference indication on the OUT3_0 pin by PLL2.
1: allows loss of reference indication on the OUT3_0 pin by PLL2.
D2
Active REF1 LOR
0: disallows loss of reference indication on the OUT3_0 pin by the active reference of PLL1.
1: allows loss of reference indication on the OUT3_0 pin by active reference of PLL1.
D1
REF1B LOR
0: disallows loss of reference indication on the OUT3_0 pin by REF1_B of PLL1.
1: allows loss of reference indication on the OUT3_0 pin by REF1_B of PLL1.
D0
REF1A LOR
0: disallows loss of reference indication on the OUT3_0 pin by REF1_A of PLL1.
1: allows loss of reference indication on the OUT3_0 pin by REF1_A of PLL1.
PLL1 REGISTERS
PLL1 General Registers—Register 0x0100 to Register 0x0103
Table 57. PLL1 General Register Details
Address
Bits
Bit Name
Description
0x0100
[D7:D4]
Unused
Unused.
D3
Reserved
Reserved.
D2
Manual sync
Write Logic 1 to this bit to arm the distribution synchronization circuit, then write Logic 0 to cause the
distribution channel dividers to synchronize (synchronization occurs on the falling edge of this bit).
D1
Manual calibrate
Logic 1 causes the VCO calibration sequence to execute for PLL1. For robustness, write to this bit in
three operations: Logic 0, Logic 1, then Logic 0 with an input/output update following each
operation.
D0
Power-down
Logic 1 causes a full power-down of PLL1.
0x0101
D7
Enable M1 during
VCO calibration
0: normal operation (default). The M1 divider is in a reset state during calibration to ensure a
defined set of initial conditions at power-up or following a device reset.
1: causes the M1 divider to remain active during PLL1 VCO calibration. Allows the user to
observe the calibration process at the clock outputs of PLL1.
Rev. 0 | Page 62 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com