Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9531 Datasheet HTML 29Page - Analog Devices AD9531 Datasheet HTML 30Page - Analog Devices AD9531 Datasheet HTML 31Page - Analog Devices AD9531 Datasheet HTML 32Page - Analog Devices AD9531 Datasheet HTML 33Page - Analog Devices AD9531 Datasheet HTML 34Page - Analog Devices AD9531 Datasheet HTML 35Page - Analog Devices AD9531 Datasheet HTML 36Page - Analog Devices AD9531 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
Data Sheet
AD9531
LOOP
FILTER
3.3V
CP
VCO
÷N1B
REF1_Ax
REF1_Bx
OUT1_0x
OUT1_9x
REF1_SEL
RFIN1x
AD9531: PLL1
REFERENCE
INPUT
LF
LDO
REG 1
Figure 16. PLL1 Loop 3 Configuration
LOOP
FILTER
VCO
÷M1
REF1_Ax
REF1_Bx
OUT1_0x
OUT1_9x
REF1_SEL
RFIN1x
AD9531: PLL1
1.8V
CP
REFERENCE
INPUT
LF
LDO
REG 1
Figure 17. PLL1 Internal Loop 4 Configuration
PLL1 Loop 3 Configuration (External VCXO)
The Loop 3 configuration enables the RFIN receiver and the
3.3 V charge pump. Note that an external loop filter is required
between the LF pin and the control input of the external VCXO.
The VCXO frequency is a function of the PFD input frequency
(see the PLL1 Reference Frequency Scaling section) and the
value programmed into the register associated N1B.
fVCXO = fPFD × N1B
where N1B is an element of the following set: {1, 4, 5 ... 4,095}.
The overall frequency translation equation for Loop 3 is as follows:
D1
N1B
R1
f
f
REF
OUT
×
=
1
where:
fOUT1 is the frequency at OUT1_x.
fREF is the frequency of the active reference (REF_1A or REF_1B).
R1 is an element of the following set: {½, 1, 4, 5 ... 4,095}. The
value of ½ is the result of selecting the ×2 reference multiplier
(by programming the R1 divider to a value of 0).
D1 is the channel divider (D1A, D1B, or D1C) associated with
OUT1_x and is also an element of the following set: {1, 2 ... 256}.
PLL1 Loop 4 Configuration (Integrated VCO or External
VCXO)
The Loop 4 configuration has two variants: internal and external.
The internal configuration uses the internal VCO, whereas the
external configuration relies on an external VCXO. Note that the
Loop 4 configuration bypasses the N1B divider, which the block
diagram of PLL1 (see Figure 12) does not explicitly show.
The Loop 4 configuration provides a fixed delay function,
which results from the channel dividers being synchronized to
each other and the input to the PFD originating from one of the
output drivers (per Register 0x0101, Bits[D6:D5]). That is, the
feedback reference point of the PLL is one of the outputs, which
yields the fixed delay function. The fixed delay function effectively
edge aligns all the outputs (OUT1_x) with the reference input
because, by design, the internal delay of the reference path closely
matches the internal feedback delay from the channel dividers.
Internal Loop 4 Configuration
In the internal Loop 4 configuration, the feedback divider
consists of M1 and one of the channel dividers (D1A, D1B, or
D1C) in cascade. The particular channel divider included in the
feedback path depends on the fixed delay bits per Table 57.
fVCO = fPFD × (M1 × D1)
where:
M1 is an element of the following set: {3, 4 ... 11}.
D1 is the channel divider (D1A, D1B, or D1C) associated with
OUT1_x. D1 is also an element of the following set: {1, 2 ... 256}.
The overall frequency translation equation for Loop 4 using the
internal VCO is as follows:
D1
M1
R1
f
f
REF
OUT1
×
×
=
where:
fOUT1 is the frequency at OUT1_x.
fREF is the frequency of the active reference (REF_1Ax or REF_1Bx).
R1 is an element of the following set: {½, 1, 4, 5 ... 4,095}. The
value of ½ is the result of selecting the ×2 reference multiplier
(by programming the R1 divider to a value of 0).
Note that internal Loop 4 configuration still allows calibration
of the internal VCO, but requires special treatment (see the
PLL1 Internal VCO Calibration section).
Rev. 0 | Page 33 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com