Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 86 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 86 Page - Analog Devices

Back Button AD9531 Datasheet HTML 80Page - Analog Devices AD9531 Datasheet HTML 81Page - Analog Devices AD9531 Datasheet HTML 82Page - Analog Devices AD9531 Datasheet HTML 83Page - Analog Devices AD9531 Datasheet HTML 84Page - Analog Devices AD9531 Datasheet HTML 85Page - Analog Devices AD9531 Datasheet HTML 86Page - Analog Devices AD9531 Datasheet HTML 87Page - Analog Devices AD9531 Datasheet HTML 88Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 86 / 88 page
background image
AD9531
Data Sheet
Figure 44 and Figure 45 demonstrate using the Mx pins with a
1.5 V CMOS logic in a pull-up configuration. A three resistor
arrangement is necessary to satisfy two design criteria as follows:
•
Translate a 1.8 V Logic 1, produced by the internal driver,
to 1.5 V for the external CMOS gate during normal
operation.
•
Provide the desired Logic 1 pull-up to the internal buffer
during a POR event.
The primary design constraint on the pull-up resistor (RU) is
the Logic 0 load current (IL) it imposes on the internal driver
during normal operation. Assuming the external CMOS gate
exhibits high impedance, then RU = 1.8 V/IL. Therefore, choose
a reasonable load current, such as 1 mA, for example. This
yields RU = 1.8 kΩ.
POR
NORM
Mx
1.8V
S1
AD9531
1.5V
1.8V
CMOS
5R
RU
R
Figure 44. Using an Mx Pin with a 1.5 V Logic, Pull-Up Configuration During a
POR Event
1.5V
1.8V
CMOS
5R
RU
R
POR
NORM
Mx
1.8V
S1
AD9531
Figure 45. Using an Mx Pin with a 1.5 V Logic, Pull-Up Configuration During
Normal Operation
In the pull-down case, the series and pull-down resistors must
exhibit a 5:1 ratio to provide the desired 1.8 V to 1.5 V Logic 1
translation between the internal driver and the external CMOS
gate during normal operation. Therefore, the respective R and
5R label for the series and pull-down resistors.
The design goal is to have at least 1.2 V (that is, 2/3 of 1.8 V) on
the Mx pin during a POR event to constitute the desired Logic 1.
RU, R, and 5R form a voltage divider. This divider sets up the
following necessary design constraint:
V
2
.
1
5
5
V
8
.
1
>
+
+
+
×
R
R
R
R
R
U
Because RU = 1.8 V/IL, the above constraint simplifies to R >
0.6/IL and having chosen IL = 1 mA, the result is R > 600 Ω.
Therefore, choose a convenient value such as R = 1 kΩ. This
implies that 5R = 5 kΩ.
INTERFACING TO THE RFIN1_x PINS
Figure 46 is the recommended method for interfacing an
external VCXO with a 3.3 V CMOS single-ended output to the
RFIN1_x pins. Even though the VCXO has a single-ended
output, it is best to configure the RFIN1_x input for differential
input mode to minimize duty cycle distortion. This circuit
works well as long as the stray PCB capacitance (CS) is less than
10 pF and the VCXO frequency is in the range of 120 MHz.
The 0.1 μF capacitor on the RFIN1_N input provides a suitable
ac ground reference for the two 5 pF capacitors, which serve as
a voltage divider for the rising and falling signal edges delivered
by the VCXO output. Typically, the CMOS drivers of most
VCXOs tend to have low output drive capability to minimize
output switching noise and EMI. Therefore, choose small
divider capacitor values to avoid excessive loading of the CMOS
output driver of the VCXO.
RFIN1_P
RFIN1_N
1.8V
2.5kΩ
2.5kΩ
3.3V
TOLERANT
AD9531
0.1µF
3pF
5pF
CS
VCXO
3.3V
STRAY PCB
CAPACITANCE
5pF
INPUT
CAPACITANCE
MANUFACTURER: TAITIEN
P/N: VTEUALJANF-122.88000
33
34
0.68V
Figure 46. Connecting an External 3.3 V CMOS VCXO Single-Ended Output to the RFIN1_x Pins
Rev. 0 | Page 86 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com