Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 61 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 61 Page - Analog Devices

Back Button AD9531 Datasheet HTML 57Page - Analog Devices AD9531 Datasheet HTML 58Page - Analog Devices AD9531 Datasheet HTML 59Page - Analog Devices AD9531 Datasheet HTML 60Page - Analog Devices AD9531 Datasheet HTML 61Page - Analog Devices AD9531 Datasheet HTML 62Page - Analog Devices AD9531 Datasheet HTML 63Page - Analog Devices AD9531 Datasheet HTML 64Page - Analog Devices AD9531 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
Data Sheet
AD9531
STATUS REGISTERS—REGISTER 0x0080 TO REGISTER 0x0082
Register 0x0080 to Register 0x0082 are read-only.
Table 55. Status Register Details
Address
Bits
Bit Name
Description
0x0080
[D7:D6]
Reserved
Reserved.
D5
PLL2 calibration
in progress
This bit reflects the state of the PLL2 calibration controller. Logic 1 indicates that the PLL2 internal
VCO calibration is in progress.
D4
PLL1 calibration
in progress
This bit reflects the state of the PLL1 calibration controller. Logic 1 indicates that the PLL1 internal
VCO calibration is in progress.
D3
Reserved
Reserved.
D2
PLL3 lock detect
This bit reflects the state of the lock detector for PLL3. Logic 1 indicates a lock condition for PLL3.
D1
PLL2 lock detect
This bit reflects the state of the lock detector for PLL2. Logic 1 indicates a lock condition for PLL2.
D0
PLL1 lock detect
This bit reflects the state of the lock detector for PLL1. Logic 1 indicates a lock condition for PLL1.
0x0081
[D7:D4]
Unused
Unused.
D3
REF3 LOR
Logic 1 indicates a loss of reference condition for PLL3. Only the first of the two cascaded PLLs of
PLL3 provides the LOR status.
D2
REF2 LOR
Logic 1 indicates a loss of reference condition for PLL2.
D1
REF1B LOR
Logic 1 indicates a loss of reference condition for PLL1 REF1_B.
D0
REF1A LOR
Logic 1 indicates a loss of reference condition for PLL1 REF1_A.
0x0082
[D7:D4]
Unused
Unused.
D3
Reserved
Reserved.
D2
PLL1 freerun
This bit indicates (Logic 1) PLL1 is in freerun mode.
D1
PLL1 holdover
This bit indicates (Logic 1) PLL1 is in holdover mode.
D0
PLL1 active
reference
This bit indicates the currently active reference. Logic 0 indicates REF1_A is the currently active
reference. Logic 1 indicates REF1_B is the currently active reference.
LDET/LOR CONTROL REGISTERS—REGISTER 0x0083 TO REGISTER 0x0085
Register 0x0083 controls the three LDETx pins. Register 0x0084 controls the LOR pin, where Bits[D4:D0] provide logical OR indication
of the various loss of reference detectors at the LOR pin. Register 0x0085 controls the OUT3_0 pin of PLL3, where Bits[D4:D0] provide
logical OR indication of the various loss of referenced detectors on the OUT3_0 pin. When Register 0x0085, Bits[D4:D0] = 00000, the
OUT3_0 pin functions normally (that is, as the output of PLL3).
Table 56. LDETx/LOR Control Register Details
Address
Bits
Bit Name
Description
0x0083
[D7:D6]
Reserved
Reserved.
D5
LDET3 3.3 V mode
0: LDET3/M3 pin, 1.8 V mode.
1: LDET3/M3 pin, 3.3 V mode.
D4
LDET3 invert
0: LDET3/M3 pin normal (active high logic).
1: LDET3/M3 pin inverted (active low logic).
D3
LDET2 3.3 V mode
0: LDET2/M2 pin, 1.8 V mode.
1: LDET2/M2 pin, 3.3 V mode.
D2
LDET2 invert
0: LDET2/M2 pin normal (active high logic).
1: LDET2/M2 pin inverted (active low logic).
D1
LDET1 3.3 V mode
0: LDET1/M1 pin, 1.8 V mode.
1: LDET1/M1 pin, 3.3 V mode.
D0
LDET1 invert
0: LDET1/M1 pin normal (active high logic).
1: LDET1/M1 pin inverted (active low logic).
0x0084
D7
Reserved
Reserved.
D6
3.3 V mode
0: LOR/M4 pin, 1.8 V mode.
1: LOR/M4 pin, 3.3 V mode.
D5
Invert
0: LOR/M4 pin normal (active high logic).
1: LOR/M4 pin inverted (active low logic).
Rev. 0 | Page 61 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com