Electronic Components Datasheet Search
  English  ▼

X  

AD9531 Datasheet(PDF) 85 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 85 Page - Analog Devices

Back Button AD9531 Datasheet HTML 80Page - Analog Devices AD9531 Datasheet HTML 81Page - Analog Devices AD9531 Datasheet HTML 82Page - Analog Devices AD9531 Datasheet HTML 83Page - Analog Devices AD9531 Datasheet HTML 84Page - Analog Devices AD9531 Datasheet HTML 85Page - Analog Devices AD9531 Datasheet HTML 86Page - Analog Devices AD9531 Datasheet HTML 87Page - Analog Devices AD9531 Datasheet HTML 88Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 85 / 88 page
background image
Data Sheet
AD9531
APPLICATIONS INFORMATION
INTERFACING TO THE MULTIFUNCTION PINS
Figure 38 and Figure 39 demonstrate using the Mx pins with a
1.8 V CMOS logic. For proper operation during a POR event,
the internal buffer requires a nominal 10 kΩ resistor to pull-up
to 1.8 V (Logic 1) or pull-down to ground (Logic 0). After a
POR event (with S1 in the NORM position), the internal CMOS
driver forces the appropriate 1.8 V logic levels across the 10 kΩ
pull-up or pull-down resistor.
POR
NORM
Mx
1.8V
S1
AD9531
1.8V
CMOS
10kΩ
1.8V
Figure 38. Using an Mx Pin with a 1.8 V CMOS Logic, Pull-Up Connection
POR
NORM
Mx
1.8V
S1
AD9531
1.8V
CMOS
10kΩ
Figure 39. Using an Mx Pin with a 1.8 V CMOS Logic, Pull-Down Connection
Figure 40 and Figure 41 demonstrate using the Mx pins with a
3.3 V CMOS logic. For proper operation during a POR event,
the internal buffer requires a nominal 10 kΩ resistor to pull-up
to 1.8 V (Logic 1) or pull-down to ground (Logic 0). After a
POR event (normal operation), the internal CMOS driver forces
the appropriate 3.3 V logic levels across the 10 kΩ pull-up or
pull-down resistor. Note that interfacing to 3.3 V CMOS
requires programming the 3.3 V mode bit to Logic 1 for the
associated pin function (LDETx or LOR).
POR
NORM
Mx
1.8V
S1
AD9531
3.3V
CMOS
10kΩ
1.8V
3.3V MODE
Figure 40. Using an Mx Pin with a 3.3 V Logic, Pull-Up Configuration
POR
NORM
Mx
1.8V
S1
AD9531
3.3V
CMOS
10kΩ
3.3V MODE
Figure 41. Using an Mx Pin with a 3.3 V Logic, Pull-Down Configuration
Figure 42 and Figure 43 demonstrate using the Mx pins with a
1.5 V CMOS logic in a pull-down configuration. A resistive voltage
divider is necessary to properly translate a Logic 1 produced by the
internal driver during normal operation from 1.8 V to 1.5 V.
Therefore, the ratio of the resistors is 5:1. Note the external resistors
have no impact on a Logic 1 produced by the internal driver.
The primary design constraint is the load current (IL) that the
driver must supply for a condition of Logic 1. Assuming the
input of the external CMOS gate exhibits high impedance, then
all the load current flows through the 5R resistor, which must drop
1.5 V. This implies 5R = 1.5 V/IL or R = 0.3 V/IL. Therefore, choose
a reasonable load current, such as 1 mA, for example. This load
current yields R = 300 Ω and 5R = 1.5 kΩ.
During a POR event, the pull-down configuration provides the
internal buffer with a 1.8 kΩ termination to ground, which the
internal buffer interprets as Logic 0. Alternately, during normal
operation, the internal 1.8 V driver delivers a 1.5 V Logic 1 to the
external CMOS gate with 1 mA of load current.
POR
NORM
Mx
1.8V
S1
AD9531
1.5V
CMOS
5R
R
Figure 42. Using an Mx Pin with 1.5 V Logic, Pull-Down Configuration During
a POR Event
POR
NORM
Mx
1.8V
S1
AD9531
1.5V
CMOS
5R
R
Figure 43. Using an Mx Pin with 1.5 V Logic, Pull-Down Configuration During
Normal Operation
Rev. 0 | Page 85 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com