Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 210 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 210 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 206Page - PMC-Sierra, Inc PM5356 Datasheet HTML 207Page - PMC-Sierra, Inc PM5356 Datasheet HTML 208Page - PMC-Sierra, Inc PM5356 Datasheet HTML 209Page - PMC-Sierra, Inc PM5356 Datasheet HTML 210Page - PMC-Sierra, Inc PM5356 Datasheet HTML 211Page - PMC-Sierra, Inc PM5356 Datasheet HTML 212Page - PMC-Sierra, Inc PM5356 Datasheet HTML 213Page - PMC-Sierra, Inc PM5356 Datasheet HTML 214Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
200
Register 0x97: DLL RUL3 Control Status
Bit
Type
Function
Default
Bit 7
R
RFCLKI
X
Bit 6
R
Reserved
X
Bit 5
R
ERRORI
X
Bit 4
R
Reserved
X
Bit 3
Unused
X
Bit 2
R
ERROR
X
Bit 1
R
Reserved
X
Bit 0
R
RUN
X
The DLL Control Status Register provides information of the DLL operation.
RUN:
The DLL lock status register bit RUN indicates the DLL has found an initial
lock condition. When the phase detector first indicates lock, RUN is set high.
The RUN register bit is cleared only by a system reset or a software reset.
ERROR:
The delay line error register ERROR indicates the DLL is currently at the end
of the delay line. ERROR is set high when the DLL tries to move beyond the
end of the delay line.
ERRORI:
The error event register bit ERRORI indicates the ERROR register bit has
been a logic one. When the ERROR register changes from a logic zero to a
logic one, the ERRORI register bit is set to logic one. The ERRORI register
bit is cleared immediately after it is read, thus acknowledging the event has
been recorded.
RFCLKI:
The clock event register bit RFCLKI provides a method to monitor activity on
the RFCLK clock. When the RFCLK input changes from a logic zero to a
logic one, the RFCLKI register bit is set to logic one. The RFCLKI register bit
is cleared immediately after it is read, thus acknowledging the event has been
recorded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com