Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 207 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 207 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 203Page - PMC-Sierra, Inc PM5356 Datasheet HTML 204Page - PMC-Sierra, Inc PM5356 Datasheet HTML 205Page - PMC-Sierra, Inc PM5356 Datasheet HTML 206Page - PMC-Sierra, Inc PM5356 Datasheet HTML 207Page - PMC-Sierra, Inc PM5356 Datasheet HTML 208Page - PMC-Sierra, Inc PM5356 Datasheet HTML 209Page - PMC-Sierra, Inc PM5356 Datasheet HTML 210Page - PMC-Sierra, Inc PM5356 Datasheet HTML 211Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
197
Register 0x92: TUL3 Configuration
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
R/W
TL3PP
0
Bit 3
Unused
X
Bit 2
R/W
TMOVR
0
Bit 1
R/W
Reserved
X
Bit 0
R/W
TSYSSEL
X
TSYSSEL:
The Transmit System Interface Select TSYSSEL allows the SYSSEL pin to be
observed and overridden by software. When the TMOVR bit is set low, the
TSYSSEL bit is read-only and reports the status of the SYSSEL pin. When
TMOVR is set high, the value of the TSYSSEL bit is used to determine the
system mode and the SYSEL pin is ignored.
When TMOVR is set high and TSYSSEL is set low, the transmit side of the
system interface is configured for Level 2 operation. When TMOVR is set
high and TSYSSEL is set high, the transmit side of the system interface is
configured for Level 3 operation.
TMOVR:
The Transmit Mode Over-Ride bit TMOVR enables the TSYSSEL bit to
override the mode selected by the SYSSEL pin. When TMOVR is low, the
system interface mode is selected by the external pins, and can be read from
the TSYSSEL register bit. When TMOVR is high, the mode is controlled by
writing to the TSYSSEL bit, and the external mode pins are ignored.
TL3PP:
The Transmit Level 3 Parity TL3PP bit selects even or odd parity for input
RPRTY when the system interface is configured for Level 3 operation. When
set high, input TPRTY is the even parity bit for inputs TDAT[7:0]. When
TL3PP is set to low, TPRTY is the odd parity bit for input RDAT[7:0]. TL3PP
is ignored when the system interface is configured for Level 2 operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com