Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 205 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 205 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 201Page - PMC-Sierra, Inc PM5356 Datasheet HTML 202Page - PMC-Sierra, Inc PM5356 Datasheet HTML 203Page - PMC-Sierra, Inc PM5356 Datasheet HTML 204Page - PMC-Sierra, Inc PM5356 Datasheet HTML 205Page - PMC-Sierra, Inc PM5356 Datasheet HTML 206Page - PMC-Sierra, Inc PM5356 Datasheet HTML 207Page - PMC-Sierra, Inc PM5356 Datasheet HTML 208Page - PMC-Sierra, Inc PM5356 Datasheet HTML 209Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
195
Register 0x90: RUL3 Configuration
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
R/W
RL3PP
0
Bit 3
Unused
X
Bit 2
R/W
RMOVR
0
Bit 1
R/W
Reserved
X
Bit 0
R/W
RSYSSEL
X
RSYSSEL:
The Receive System Interface Select RSYSSEL allows the SYSSEL pin to be
observed and overridden by software. When the RMOVR bit is set low, the
RSYSSEL bit is read-only and reports the status of the SYSSEL pin. When
RMOVR is set high, the value of the RSYSSEL bit is used to determine the
system mode and the SYSEL pin is ignored.
When RMOVR is set high and RSYSSEL is set low, the receive side of the
system interface is configured for Level 2 operation. When RMOVR is set
high and RSYSSEL is set high, the receive side of the system interface is
configured for Level 3 operation.
RMOVR:
The Receive Mode Over-Ride bit RMOVR enables the RSYSSEL bit to
override the mode selected by the SYSSEL pin. When RMOVR is low, the
receive side of the system interface is selected by the external pins, and can
be read from the RSYSSEL register bit. When RMOVR is high, the mode is
controlled by writing to the RSYSSEL bit, and the external mode pins are
ignored.
RL3PP:
The Receive Level 3 Parity RL3PP bit selects even or odd parity for output
RPRTY when the system interface is configured for Level 3 operation. When
set high, output RPRTY is the even parity bit for outputs RDAT[7:0]. When
RL3PP is set to low, RPRTY is the odd parity bit for outputs RDAT[7:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com