Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 201 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 201 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 197Page - PMC-Sierra, Inc PM5356 Datasheet HTML 198Page - PMC-Sierra, Inc PM5356 Datasheet HTML 199Page - PMC-Sierra, Inc PM5356 Datasheet HTML 200Page - PMC-Sierra, Inc PM5356 Datasheet HTML 201Page - PMC-Sierra, Inc PM5356 Datasheet HTML 202Page - PMC-Sierra, Inc PM5356 Datasheet HTML 203Page - PMC-Sierra, Inc PM5356 Datasheet HTML 204Page - PMC-Sierra, Inc PM5356 Datasheet HTML 205Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
191
Register 0x84: TXCP Idle Cell Header Control
Bit
Type
Function
Default
Bit 7
R/W
GFC[3]
0
Bit 6
R/W
GFC[2]
0
Bit 5
R/W
GFC[1]
0
Bit 4
R/W
GFC[0]
0
Bit 3
R/W
PTI[2]
0
Bit 2
R/W
PTI[1]
0
Bit 1
R/W
PTI[0]
0
Bit 0
R/W
CLP
1
CLP:
The CLP bit contains the eighth bit position of the fourth octet of the
idle/unassigned cell pattern. Cell rate decoupling is accomplished by
transmitting idle cells when the TXCP detects that no outstanding cells exist in
the transmit FIFO.
PTI[3:0]:
The PTI[3:0] bits contain the fifth, sixth, and seventh bit positions of the fourth
octet of the idle/unassigned cell pattern. Idle cells are transmitted when the
TXCP detects that no outstanding cells exist in the transmit FIFO.
GFC[3:0]:
The GFC[3:0] bits contain the first, second, third, and fourth bit positions of
the first octet of the idle/unassigned cell pattern. Idle/unassigned cells are
transmitted when the TXCP detects that no outstanding cells exist in the
transmit FIFO. The all zeros pattern is transmitted in the VCI and VPI fields of
the idle cell.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com