Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 199 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 199 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 195Page - PMC-Sierra, Inc PM5356 Datasheet HTML 196Page - PMC-Sierra, Inc PM5356 Datasheet HTML 197Page - PMC-Sierra, Inc PM5356 Datasheet HTML 198Page - PMC-Sierra, Inc PM5356 Datasheet HTML 199Page - PMC-Sierra, Inc PM5356 Datasheet HTML 200Page - PMC-Sierra, Inc PM5356 Datasheet HTML 201Page - PMC-Sierra, Inc PM5356 Datasheet HTML 202Page - PMC-Sierra, Inc PM5356 Datasheet HTML 203Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
189
Register 0x83: TXCP Interrupt Enable/Status
Bit
Type
Function
Default
Bit 7
R/W
TPRTYE
0
Bit 6
R/W
FOVRE
0
Bit 5
R/W
TSOCE
0
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
R
TPRTYI
X
Bit 1
R
FOVRI
X
Bit 0
R
TSOCI
X
TSOCI:
The TSOCI bit is set high when the TSOC input is sampled high during any
position other than the first word of the selected data structure. The write
address counter is reset to the first word of the data structure when TSOC is
sampled high. This bit is reset immediately after a read to this register.
FOVRI:
The FOVRI bit is set high when an attempt is made to write into the FIFO
when it is already full. This bit is reset immediately after a read to this
register.
TPRTYI:
The TPRTYI bit indicates if a parity error was detected on the TDAT input bus.
When logic one, the TPRTYI bit indicates a parity error over the active TDAT
bus. This bit is cleared when this register is read. Odd or even parity is
selected using the TPTYP bit.
TSOCE:
The TSOCE bit enables the generation of an interrupt when the TSOC input
is sampled high during any position other than the first word of the selected
data structure. When TSOCE is set to logic one, the interrupt is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com