Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 196 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 196 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 192Page - PMC-Sierra, Inc PM5356 Datasheet HTML 193Page - PMC-Sierra, Inc PM5356 Datasheet HTML 194Page - PMC-Sierra, Inc PM5356 Datasheet HTML 195Page - PMC-Sierra, Inc PM5356 Datasheet HTML 196Page - PMC-Sierra, Inc PM5356 Datasheet HTML 197Page - PMC-Sierra, Inc PM5356 Datasheet HTML 198Page - PMC-Sierra, Inc PM5356 Datasheet HTML 199Page - PMC-Sierra, Inc PM5356 Datasheet HTML 200Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
186
Register 0x81: TXCP Configuration 2
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
R/W
TCAINV
0
Bit 3
R/W
FIFODP[1]
0
Bit 2
R/W
FIFODP[0]
0
Bit 1
R/W
DHCS
0
Bit 0
R/W
HCSCTLEB
0
HCSCTLEB:
The active low HCS control enable, HCSCTLEB bit enables the XORing of
the HCS Control byte with the generated HCS. When set to logic zero, the
HCS Control byte provided in the third word of the 27 word data structure is
XORed with the generated HCS. When set to logic one, XORing is disabled
and the HCS Control byte is ignored.
For normal operation, the HCS Control byte in the ATM cell structure
transferred on the system interface should always be 0x00. If not, the
HCSCTLEB register should be set to logic one to prevent corruption of the
HCS byte.
DHCS:
The DHCS bit controls the insertion of HCS errors for diagnostic purposes.
When DHCS is set to logic one, the HCS octet is inverted prior to insertion in
the synchronous payload envelope. DHCS takes effect unconditionally
regardless of whether a null/unassigned cell is being transmitted or whether
the HCS octet has been read from the FIFO. DHCS occurs after any error
insertion caused by the Control Byte in the 27-word data structure.
FIFODP[1:0]:
The FIFODP[1:0] bits determine the transmit FIFO cell depth at which TCA is
de-asserted. FIFO depth control may be important in systems where the cell
latency through the TXCP must be minimized. When the FIFO is filled to the
specified depth, the transmit cell available signal, TCA is deasserted. Note
that regardless of what fill level FIFODP[1:0] is set to, the transmit cell



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com