Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 193 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 193 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 189Page - PMC-Sierra, Inc PM5356 Datasheet HTML 190Page - PMC-Sierra, Inc PM5356 Datasheet HTML 191Page - PMC-Sierra, Inc PM5356 Datasheet HTML 192Page - PMC-Sierra, Inc PM5356 Datasheet HTML 193Page - PMC-Sierra, Inc PM5356 Datasheet HTML 194Page - PMC-Sierra, Inc PM5356 Datasheet HTML 195Page - PMC-Sierra, Inc PM5356 Datasheet HTML 196Page - PMC-Sierra, Inc PM5356 Datasheet HTML 197Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
183
Register 0x70: RXCP Idle Cell Counter MSB
Bit
Type
Function
Default
Bit 7
R
ICELL[23]
X
Bit 6
R
ICELL[22]
X
Bit 5
R
ICELL[21]
X
Bit 4
R
ICELL[20]
X
Bit 3
R
ICELL[19]
X
Bit 2
R
ICELL[18]
X
Bit 1
R
ICELL[17]
X
Bit 0
R
ICELL[16]
X
ICELL[23:0]:
The ICELL[23:0] bits indicate the number of idle cells received during the last
accumulation interval. The counter should be polled every second to avoid
saturation. The contents of these registers are valid a maximum of 67 RCLK
periods after a transfer is triggered by a write to one of RXCP's performance
monitor counters or to the S/UNI-622-MAX’s Master Reset, and Identity
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com