Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 195 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 195 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 191Page - PMC-Sierra, Inc PM5356 Datasheet HTML 192Page - PMC-Sierra, Inc PM5356 Datasheet HTML 193Page - PMC-Sierra, Inc PM5356 Datasheet HTML 194Page - PMC-Sierra, Inc PM5356 Datasheet HTML 195Page - PMC-Sierra, Inc PM5356 Datasheet HTML 196Page - PMC-Sierra, Inc PM5356 Datasheet HTML 197Page - PMC-Sierra, Inc PM5356 Datasheet HTML 198Page - PMC-Sierra, Inc PM5356 Datasheet HTML 199Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
185
generated and inserted internally. If HCSB is logic one, then no HCS octet is
inserted in the transmit data stream.
HSCR:
The Header Scramble enable bit, HSCR, enables scrambling of the ATM five
octet header along with the payload. When set to logic one, the ATM header
and payload are both scrambled. When set to logic zero, the header is left
unscrambled and payload scrambling is determined by the DSCR bit.
TCALEVEL0:
The TCA level control (TCALEVEL0) determines when the TCA will transition
low as the FIFO fills for Level 2 operation. When TCALEVEL0 is logic zero,
TCA will deassert on the same rising TFCLK edge that samples word 21 of
the 27 word ATM cell structure. When TCALEVEL0 is logic one, TCA will
deassert on the same rising TFCLK edge that samples word 26 of the 27
word ATM cell structure.
TCALEVEL0 must be set low when the system interface is configured for
Level 3 operation.
TPTYP:
The TPTYP bit selects even or odd parity for input TPRTY for Level 2
operation. When set to logic one, input TPRTY is the even parity bit for the
TDAT input bus. When set to logic zero, input TPRTY is the odd parity bit for
the TDAT input bus.
TPTYP must be set low when the system interface is configured for Level 3
operation.
Reserved:
The reserved bits must be programmed to logic zero for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com