Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 191 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 191 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 187Page - PMC-Sierra, Inc PM5356 Datasheet HTML 188Page - PMC-Sierra, Inc PM5356 Datasheet HTML 189Page - PMC-Sierra, Inc PM5356 Datasheet HTML 190Page - PMC-Sierra, Inc PM5356 Datasheet HTML 191Page - PMC-Sierra, Inc PM5356 Datasheet HTML 192Page - PMC-Sierra, Inc PM5356 Datasheet HTML 193Page - PMC-Sierra, Inc PM5356 Datasheet HTML 194Page - PMC-Sierra, Inc PM5356 Datasheet HTML 195Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
181
Register 0x6D: RXCP Receive Cell Counter MSB
Bit
Type
Function
Default
Bit 7
R
RCELL[23]
X
Bit 6
R
RCELL[22]
X
Bit 5
R
RCELL[21]
X
Bit 4
R
RCELL[20]
X
Bit 3
R
RCELL[19]
X
Bit 2
R
RCELL[18]
X
Bit 1
R
RCELL[17]
X
Bit 0
R
RCELL[16]
X
RCELL[23:0]:
The RCELL[23:0] bits indicate the number of cells received and written into
the receive FIFO during the last accumulation interval. Cells received and
filtered due to HCS errors or Idle cell matches are not counted. The counter
should be polled every second to avoid saturation. The contents of these
registers are valid a maximum of 67 RCLK periods after a transfer is triggered
by a write to one of RXCP's performance monitor counters or to the S/UNI-
622-MAX Master Reset and Identity register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com