Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 198 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 198 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 194Page - PMC-Sierra, Inc PM5356 Datasheet HTML 195Page - PMC-Sierra, Inc PM5356 Datasheet HTML 196Page - PMC-Sierra, Inc PM5356 Datasheet HTML 197Page - PMC-Sierra, Inc PM5356 Datasheet HTML 198Page - PMC-Sierra, Inc PM5356 Datasheet HTML 199Page - PMC-Sierra, Inc PM5356 Datasheet HTML 200Page - PMC-Sierra, Inc PM5356 Datasheet HTML 201Page - PMC-Sierra, Inc PM5356 Datasheet HTML 202Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
188
Register 0x82: TXCP Cell Count Status
Bit
Type
Function
Default
Bit 7
R/W
XFERE
0
Bit 6
R
XFERI
X
Bit 5
R
OVR
X
Bit 4
Unused
X
Bit 3
R/W
Reserved
1
Bit 2
R/W
Reserved
0
Bit 1
R/W
Reserved
0
Bit 0
R/W
Reserved
0
XFERI:
The XFERI bit indicates that a transfer of Transmit Cell Count data has
occurred. A logic one in this bit position indicates that the Transmit Cell Count
registers have been updated. This update is initiated by writing to one of the
Transmit Cell Count register locations or to the S/UNI-622-MAX, Master
Reset and Identity register. XFERI is set low when this register is read.
OVR:
The OVR bit is the overrun status of the Transmit Cell Count registers. A logic
one in this bit position indicates that a previous transfer (indicated by XFERI
being logic one) has not been acknowledged before the next accumulation
interval has occurred and that the contents of the Transmit Cell Count
registers have been overwritten. OVR is set low when this register is read.
XFERE:
The XFERE bit enables the generation of an interrupt when an accumulation
interval is completed and new values are stored in the Transmit Cell Count
registers. When XFERE is set high, the interrupt is enabled.
Reserved:
These bits should be set to their default values for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com