Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 104 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 104 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 100Page - PMC-Sierra, Inc PM5356 Datasheet HTML 101Page - PMC-Sierra, Inc PM5356 Datasheet HTML 102Page - PMC-Sierra, Inc PM5356 Datasheet HTML 103Page - PMC-Sierra, Inc PM5356 Datasheet HTML 104Page - PMC-Sierra, Inc PM5356 Datasheet HTML 105Page - PMC-Sierra, Inc PM5356 Datasheet HTML 106Page - PMC-Sierra, Inc PM5356 Datasheet HTML 107Page - PMC-Sierra, Inc PM5356 Datasheet HTML 108Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
94
Register 0x0D: S/UNI-622-MAX Receive Path AIS Control
Bit
Type
Function
Default
Bit 7
R/W
PAISCONPAIS
1
Bit 6
R/W
LOPCONPAIS
1
Bit 5
R/W
Reserved
1
Bit 4
R/W
Reserved
1
Bit 3
R/W
LOPPAIS
1
Bit 2
R/W
Reserved
1
Bit 1
R/W
Reserved
1
Bit 0
R/W
Reserved
1
This register controls the auto assertion of path AIS, which will force a loss of cell
delineation by the receive cell processor.
LOPPAIS:
When set high, the LOPPAIS bit enables path AIS insertion when loss of
pointer (LOP) events are detected in the receive stream. When LOPPAIS is
set low, loss of pointer events will not assert path AIS.
LOPCONPAIS:
When set high, the LOPCONPAIS bit enables path AIS insertion when loss of
pointer concatenation (LOPCON) events are detected in the receive stream.
When LOPCONPAIS is set low, loss of pointer concatenation events will not
assert path AIS.
PAISCONPAIS:
When set high, the PAISCONPAIS bit enables path AIS insertion when Path
AIS concatenation (PAISCON) events are detected in the receive direction.
When PAISCONPAIS is set low, Path AIS concatenation events will not assert
path AIS.
Reserved:
The reserved bit must be programmed to logic zero for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com