Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 107 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 107 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 103Page - PMC-Sierra, Inc PM5356 Datasheet HTML 104Page - PMC-Sierra, Inc PM5356 Datasheet HTML 105Page - PMC-Sierra, Inc PM5356 Datasheet HTML 106Page - PMC-Sierra, Inc PM5356 Datasheet HTML 107Page - PMC-Sierra, Inc PM5356 Datasheet HTML 108Page - PMC-Sierra, Inc PM5356 Datasheet HTML 109Page - PMC-Sierra, Inc PM5356 Datasheet HTML 110Page - PMC-Sierra, Inc PM5356 Datasheet HTML 111Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
97
Register 0x10: RSOP Control/Interrupt Enable
Bit
Type
Function
Default
Bit 7
R/W
BLKBIP
0
Bit 6
R/W
DDS
0
Bit 5
W
FOOF
X
Bit 4
R/W
ALGO2
0
Bit 3
R/W
BIPEE
0
Bit 2
R/W
LOSE
0
Bit 1
R/W
LOFE
0
Bit 0
R/W
OOFE
0
OOFE:
The OOFE bit is an interrupt enable for the out-of-frame alarm. When OOFE
is set to logic one, an interrupt is generated when the out-of-frame alarm
changes state.
LOFE:
The LOFE bit is an interrupt enable for the loss of frame alarm. When LOFE
is set to logic one, an interrupt is generated when the loss of frame alarm
changes state.
LOSE:
The LOSE bit is an interrupt enable for the loss of signal alarm. When LOSE
is set to logic one, an interrupt is generated when the loss of signal alarm
changes state.
BIPEE:
The BIPEE bit is an interrupt enable for the section BIP-8 errors. When
BIPEE is set to logic one, an interrupt is generated when a section BIP-8 error
(B1) is detected.
ALGO2:
The ALGO2 bit position selects the framing algorithm used to determine and
maintain the frame alignment. When a logic one is written to the ALGO2 bit
position, the framer is enabled to use the second of the framing algorithms
where only the first A1 framing byte and the first 4 bits of the last A2 framing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com