Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 111 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 111 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 107Page - PMC-Sierra, Inc PM5356 Datasheet HTML 108Page - PMC-Sierra, Inc PM5356 Datasheet HTML 109Page - PMC-Sierra, Inc PM5356 Datasheet HTML 110Page - PMC-Sierra, Inc PM5356 Datasheet HTML 111Page - PMC-Sierra, Inc PM5356 Datasheet HTML 112Page - PMC-Sierra, Inc PM5356 Datasheet HTML 113Page - PMC-Sierra, Inc PM5356 Datasheet HTML 114Page - PMC-Sierra, Inc PM5356 Datasheet HTML 115Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
101
Register 0x12: RSOP Section BIP-8 LSB
Bit
Type
Function
Default
Bit 7
R
SBE[7]
X
Bit 6
R
SBE[6]
X
Bit 5
R
SBE[5]
X
Bit 4
R
SBE[4]
X
Bit 3
R
SBE[3]
X
Bit 2
R
SBE[2]
X
Bit 1
R
SBE[1]
X
Bit 0
R
SBE[0]
X
Register 0x13: RSOP Section BIP-8 MSB
Bit
Type
Function
Default
Bit 7
R
SBE[15]
X
Bit 6
R
SBE[14]
X
Bit 5
R
SBE[13]
X
Bit 4
R
SBE[12]
X
Bit 3
R
SBE[11]
X
Bit 2
R
SBE[10]
X
Bit 1
R
SBE[9]
X
Bit 0
R
SBE[8]
X
SBE[15:0]:
Bits SBE[15:0] represent the number of section BIP-8 errors (individual or
block) that have been detected since the last time the error count was polled.
The error count is polled by writing to either of the RSOP Section BIP-8
Register addresses. Such a write transfers the internally accumulated error
count to the Section BIP-8 registers within approximately 7 µs and
simultaneously resets the internal counter to begin a new cycle of error
accumulation. This transfer and reset is carried out in a manner that ensures
that coincident events are not lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com