Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 115 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 115 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 111Page - PMC-Sierra, Inc PM5356 Datasheet HTML 112Page - PMC-Sierra, Inc PM5356 Datasheet HTML 113Page - PMC-Sierra, Inc PM5356 Datasheet HTML 114Page - PMC-Sierra, Inc PM5356 Datasheet HTML 115Page - PMC-Sierra, Inc PM5356 Datasheet HTML 116Page - PMC-Sierra, Inc PM5356 Datasheet HTML 117Page - PMC-Sierra, Inc PM5356 Datasheet HTML 118Page - PMC-Sierra, Inc PM5356 Datasheet HTML 119Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
105
Register 0x18: RLOP Control/Status
Bit
Type
Function
Default
Bit 7
R/W
BIPWORD
0
Bit 6
R/W
ALLONES
0
Bit 5
R/W
AISDET
0
Bit 4
R/W
LRDIDET
0
Bit 3
R/W
BIPWORDO
0
Bit 2
R/W
FEBEWORD
0
Bit 1
R
LAISV
X
Bit 0
R
LRDIV
X
LRDIV:
The LRDIV bit is read to determine the remote defect indication state of the
RLOP. When LRDIV is high, the RLOP has declared line RDI.
LAISV:
The LAISV bit is read to determine the line AIS state of the RLOP. When
LAISV is high, the RLOP has declared line AIS.
FEBEWORD:
The FEBEWORD bit controls the accumulation of FEBEs. When
FEBEWORD is high, if the FEBE event has a value from 1 to 4, the FEBE
event counter is incremented for each and every FEBE bit. However, if the
FEBE event has a value greater than 4 and is valid, the FEBE event counter
is incremented by 4. When FEBEWORD is low, the FEBE event counter is
incremented for each and every FEBE bit that occurs during that frame (the
counter can be incremented up to 24.).
BIPWORDO:
The BIPWORDO bit controls the indication of B2 errors reported to the TLOP
block for insertion as FEBEs. When BIPWORDO is logic one, the BIP errors
are indicated once per frame whenever one or more B2 bit errors occur
during that frame. When BIPWORDO is logic zero, BIP errors are indicated
once for every B2 bit error that occurs during that frame. The accumulation of
B2 error events functions independently and is controlled by the BIPWORD
register bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com