Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 117 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 117 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 113Page - PMC-Sierra, Inc PM5356 Datasheet HTML 114Page - PMC-Sierra, Inc PM5356 Datasheet HTML 115Page - PMC-Sierra, Inc PM5356 Datasheet HTML 116Page - PMC-Sierra, Inc PM5356 Datasheet HTML 117Page - PMC-Sierra, Inc PM5356 Datasheet HTML 118Page - PMC-Sierra, Inc PM5356 Datasheet HTML 119Page - PMC-Sierra, Inc PM5356 Datasheet HTML 120Page - PMC-Sierra, Inc PM5356 Datasheet HTML 121Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
107
Register 0x19: RLOP Interrupt Enable/Interrupt Status
Bit
Type
Function
Default
Bit 7
R/W
FEBEE
0
Bit 6
R/W
BIPEE
0
Bit 5
R/W
LAISE
0
Bit 4
R/W
LRDIE
0
Bit 3
R
FEBEI
X
Bit 2
R
BIPEI
X
Bit 1
R
LAISI
X
Bit 0
R
LRDII
X
LRDII:
The LRDII bit is the remote defect indication interrupt status bit. LRDII is set
high when a change in the line RDI state occurs. This bit is cleared when this
register is read.
LAISI:
The LAISI bit is the line AIS interrupt status bit. LAISI is set high when a
change in the line AIS state occurs. This bit is cleared when this register is
read.
BIPEI:
The BIPEI bit is the line BIP-96 interrupt status bit. BIPEI is set high when a
line layer (B2) bit error is detected. This bit is cleared when this register is
read.
FEBEI:
The FEBEI bit is the line far end block error interrupt status bit. FEBEI is set
high when a line layer FEBE (M1) is detected. This bit is cleared when this
register is read.
LRDIE:
The LRDIE bit is an interrupt enable for the line remote defect indication
alarm. When LRDIE is set to logic one, an interrupt is generated when the
line RDI state changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com