Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 116 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 116 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 112Page - PMC-Sierra, Inc PM5356 Datasheet HTML 113Page - PMC-Sierra, Inc PM5356 Datasheet HTML 114Page - PMC-Sierra, Inc PM5356 Datasheet HTML 115Page - PMC-Sierra, Inc PM5356 Datasheet HTML 116Page - PMC-Sierra, Inc PM5356 Datasheet HTML 117Page - PMC-Sierra, Inc PM5356 Datasheet HTML 118Page - PMC-Sierra, Inc PM5356 Datasheet HTML 119Page - PMC-Sierra, Inc PM5356 Datasheet HTML 120Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
106
LRDIDET:
The LRDIDET bit determines the line RDI alarm detection algorithm. When
LRDIDET is set to logic one, line RDI is declared when a 110 binary pattern is
detected in bits 6, 7 and 8 of the K2 byte for three consecutive frames. When
LRDIDET is set to logic zero, line RDI is declared when a 110 binary pattern
is detected in bits 6, 7 and 8 of the K2 byte for five consecutive frames.
AISDET:
The AISDET bit determines the line AIS alarm detection algorithm. When
AISDET is set to logic one, line AIS is declared when a 111 binary pattern is
detected in bits 6, 7 and 8 of the K2 byte for three consecutive frames. When
AISDET is set to logic zero, line AIS is declared when a 111 binary pattern is
detected in bits 6, 7 and 8 of the K2 byte for five consecutive frames.
ALLONES:
The ALLONES bit controls automatically forcing the SONET/SDH frame
passed to downstream blocks to logical all-ones whenever line AIS is
detected. When ALLONES is set to logic one, the SONET/SDH frame is
forced to logic one immediately when the line AIS alarm is declared. When
line AIS is removed, the downstream data stream is immediately returned to
carrying the receive data. When ALLONES is set to logic zero, the
downstream data stream always carries the receive data regardless of the
line AIS alarm state.
BIPWORD:
The BIPWORD bit controls the accumulation of B2 errors. When BIPWORD
is logic one, the B2 error event counter is incremented only once per frame
whenever one or more B2 bit errors occur during that frame. When
BIPWORD is logic zero, the B2 error event counter is increment for each and
every B2 bit error that occurs during that frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com