Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 113 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 113 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 109Page - PMC-Sierra, Inc PM5356 Datasheet HTML 110Page - PMC-Sierra, Inc PM5356 Datasheet HTML 111Page - PMC-Sierra, Inc PM5356 Datasheet HTML 112Page - PMC-Sierra, Inc PM5356 Datasheet HTML 113Page - PMC-Sierra, Inc PM5356 Datasheet HTML 114Page - PMC-Sierra, Inc PM5356 Datasheet HTML 115Page - PMC-Sierra, Inc PM5356 Datasheet HTML 116Page - PMC-Sierra, Inc PM5356 Datasheet HTML 117Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
103
Register 0x14: TSOP Control
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R/W
DS
0
Bit 5
R/W
Reserved
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
Reserved
0
Bit 2
R/W
Reserved
0
Bit 1
R/W
Reserved
0
Bit 0
R/W
LAIS
0
LAIS:
The LAIS bit controls the insertion of line alarm indication signal (AIS). When
LAIS is set to logic one, the TSOP inserts AIS into the transmit SONET/SDH
stream. Activation or deactivation of line AIS insertion is synchronized to
frame boundaries. Line AIS insertion results in all bits of the SONET/SDH
frame being set to 1 prior to scrambling except for the section overhead.
DS:
The DS bit is set to logic one to disable the scrambling of the STS-12c/STM-
4-4c stream. When DS is a logic zero, scrambling is enabled.
Reserved:
The reserved bits must be programmed to logic zero for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com