Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 143 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 143 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 139Page - PMC-Sierra, Inc PM5356 Datasheet HTML 140Page - PMC-Sierra, Inc PM5356 Datasheet HTML 141Page - PMC-Sierra, Inc PM5356 Datasheet HTML 142Page - PMC-Sierra, Inc PM5356 Datasheet HTML 143Page - PMC-Sierra, Inc PM5356 Datasheet HTML 144Page - PMC-Sierra, Inc PM5356 Datasheet HTML 145Page - PMC-Sierra, Inc PM5356 Datasheet HTML 146Page - PMC-Sierra, Inc PM5356 Datasheet HTML 147Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
133
Register 0x35: RPOP Pointer LSB
Bit
Type
Function
Default
Bit 7
R
PTR[7]
X
Bit 6
R
PTR[6]
X
Bit 5
R
PTR[5]
X
Bit 4
R
PTR[4]
X
Bit 3
R
PTR[3]
X
Bit 2
R
PTR[2]
X
Bit 1
R
PTR[1]
X
Bit 0
R
PTR[0]
X
Register 0x36: RPOP Pointer MSB
Bit
Type
Function
Default
Bit 7
R/W
NDFPOR
0
Bit 6
R/W
EXTD
0
Bit 5
R/W
RDI10
0
Bit 4
Unused
X
Bit 3
R
S1
X
Bit 2
R
S0
X
Bit 1
R
PTR[9]
X
Bit 0
R
PTR[8]
X
PTR[9:0]:
The PTR[7:0] bits contain the current pointer value as derived from the H1
and H2 bytes. To ensure reading a valid pointer, the NDFI, NSEI and PSEI
bits of the RPOP Pointer Interrupt Status register should be read before and
after reading this register to ensure that the pointer value did not changed
during the register read.
S0, S1:
The S0 and S1 bits contain the two S bits received in the last H1 byte. These
bits should be software debounced to ensure the proper values are received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com