Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 146 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 146 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 142Page - PMC-Sierra, Inc PM5356 Datasheet HTML 143Page - PMC-Sierra, Inc PM5356 Datasheet HTML 144Page - PMC-Sierra, Inc PM5356 Datasheet HTML 145Page - PMC-Sierra, Inc PM5356 Datasheet HTML 146Page - PMC-Sierra, Inc PM5356 Datasheet HTML 147Page - PMC-Sierra, Inc PM5356 Datasheet HTML 148Page - PMC-Sierra, Inc PM5356 Datasheet HTML 149Page - PMC-Sierra, Inc PM5356 Datasheet HTML 150Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
136
Register 0x38: RPOP Path BIP-8 LSB
Bit
Type
Function
Default
Bit 7
R
PBE[7]
X
Bit 6
R
PBE[6]
X
Bit 5
R
PBE[5]
X
Bit 4
R
PBE[4]
X
Bit 3
R
PBE[3]
X
Bit 2
R
PBE[2]
X
Bit 1
R
PBE[1]
X
Bit 0
R
PBE[0]
X
Register 0x39: RPOP Path BIP-8 MSB
Bit
Type
Function
Default
Bit 7
R
PBE[15]
X
Bit 6
R
PBE[14]
X
Bit 5
R
PBE[13]
X
Bit 4
R
PBE[12]
X
Bit 3
R
PBE[11]
X
Bit 2
R
PBE[10]
X
Bit 1
R
PBE[9]
X
Bit 0
R
PBE[8]
X
These registers allow path BIP-8 errors to be accumulated.
PBE[15:0]:
PBE[15:0] represent the number of B3 errors (individual or block) that have
been detected since the last time the error count was polled. The error count
is polled by writing to either of the RPOP Path BIP-8 Register addresses or to
either of the RPOP Path FEBE Register addresses. Such a write transfers
the internally accumulated error count to the Path BIP-8 registers within a
maximum of 7 µs and simultaneously resets the internal counter to begin a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com