Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 150 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 150 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 146Page - PMC-Sierra, Inc PM5356 Datasheet HTML 147Page - PMC-Sierra, Inc PM5356 Datasheet HTML 148Page - PMC-Sierra, Inc PM5356 Datasheet HTML 149Page - PMC-Sierra, Inc PM5356 Datasheet HTML 150Page - PMC-Sierra, Inc PM5356 Datasheet HTML 151Page - PMC-Sierra, Inc PM5356 Datasheet HTML 152Page - PMC-Sierra, Inc PM5356 Datasheet HTML 153Page - PMC-Sierra, Inc PM5356 Datasheet HTML 154Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
140
Register 0x3C: RPOP RDI
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
R/W
Reserved
0
Bit 4
R/W
BLKFEBE
0
Bit 3
Unused
X
Bit 2
R/W
Reserved
0
Bit 1
R/W
ARDIE
0
Bit 0
R
ARDIV
X
ARDIV:
The auxiliary RDI bit (ARDIV) reports the current state of the path auxiliary
RDI within the receive path overhead processor.
ARDIE:
When a logic one is written to the ARDIE interrupt enable bit position, an
interrupt is generated when a change in the path auxiliary RDI state occurs.
BLKFEBE:
When set high, the block FEBE bit (BLKFEBE) causes path FEBE errors to
be reported and accumulated on a block basis. A single path FEBE error is
accumulated for a block if the received FEBE code for that block is between 1
and 8 inclusive. When BLKFEBE is set low, path FEBE errors are
accumulated on a error basis.
Reserved:
The reserved bits must be programmed to logic zero for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com