Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 153 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 153 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 149Page - PMC-Sierra, Inc PM5356 Datasheet HTML 150Page - PMC-Sierra, Inc PM5356 Datasheet HTML 151Page - PMC-Sierra, Inc PM5356 Datasheet HTML 152Page - PMC-Sierra, Inc PM5356 Datasheet HTML 153Page - PMC-Sierra, Inc PM5356 Datasheet HTML 154Page - PMC-Sierra, Inc PM5356 Datasheet HTML 155Page - PMC-Sierra, Inc PM5356 Datasheet HTML 156Page - PMC-Sierra, Inc PM5356 Datasheet HTML 157Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
143
Register 0x40: TPOP Control/Diagnostic
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R/W
EPRDIEN
0
Bit 5
R/W
EPRDISRC
0
Bit 4
R/W
PERSIST
0
Bit 3
R/W
Reserved
0
Bit 2
R/W
Reserved
0
Bit 1
R/W
DBIP8
0
Bit 0
R/W
PAIS
0
PAIS:
The PAIS bit controls the insertion of STS path alarm indication signal. When
a logic one is written to this bit position, the complete SPE, and the pointer
bytes (H1, H2, and H3) are overwritten with the all-ones pattern. When a
logic zero is written to this bit position, the pointer bytes and the SPE are
processed normally.DBIP8:
The DBIP8 bit controls the insertion of bit errors continuously in the B3 byte.
When DBIP8 is a logic one, the B3 byte is inverted.
PERSIST
The path far end receive failure alarm persistence bit (PERSIST) controls the
persistence of the RDI asserted into the transmit stream. When PERSIST is
a logic one, the RDI code inserted into the transmit stream as a result of
consequential actions is asserted for a minimum of 20 frames in non-
enhanced RDI mode, or the last valid RDI code before an idle code (idle
codes are when bits 5,6,7 are 000, 001, or 011) is asserted for 20 frames in
enhanced RDI mode. When PERSIST is logic zero, the transmit RDI code
changes immediately based on received alarm conditions.
EPRDISRC
The enhanced path receive defect indication alarm source bit (EPRDISRC)
controls the source of RDI input to be inserted onto the G1 byte. When
EPRDIEN is logic zero, the extended RDI bits of the G1 byte not overwritten
by the TPOP block, regardless of EPRDISRC. When EPRDIEN is logic one
and EPRDISCR is logic zero, the extended RDI bits of the G1 byte, bits 6 and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com