Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 157 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 157 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 153Page - PMC-Sierra, Inc PM5356 Datasheet HTML 154Page - PMC-Sierra, Inc PM5356 Datasheet HTML 155Page - PMC-Sierra, Inc PM5356 Datasheet HTML 156Page - PMC-Sierra, Inc PM5356 Datasheet HTML 157Page - PMC-Sierra, Inc PM5356 Datasheet HTML 158Page - PMC-Sierra, Inc PM5356 Datasheet HTML 159Page - PMC-Sierra, Inc PM5356 Datasheet HTML 160Page - PMC-Sierra, Inc PM5356 Datasheet HTML 161Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
147
Register 0x43: TPOP Current Pointer LSB
Bit
Type
Function
Default
Bit 7
R
CPTR[7]
X
Bit 6
R
CPTR[6]
X
Bit 5
R
CPTR[5]
X
Bit 4
R
CPTR[4]
X
Bit 3
R
CPTR[3]
X
Bit 2
R
CPTR[2]
X
Bit 1
R
CPTR[1]
X
Bit 0
R
CPTR[0]
X
Register 0x44: TPOP Current Pointer MSB
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
R
CPTR[9]
X
Bit 0
R
CPTR[8]
X
CPTR[9:0]:
The CPTR[9:0] bits reflect the value of the current payload pointer being
inserted in the outgoing stream. The value may be changed by loading a new
pointer value using the TPOP Arbitrary Pointer LSB and MSB Registers, or by
inserting positive and negative pointer movements using the PSE and NSE
register bits.
It is recommended the CPTR[9:0] value be software debounced to ensure a
correct value is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com