Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 156 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 156 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 152Page - PMC-Sierra, Inc PM5356 Datasheet HTML 153Page - PMC-Sierra, Inc PM5356 Datasheet HTML 154Page - PMC-Sierra, Inc PM5356 Datasheet HTML 155Page - PMC-Sierra, Inc PM5356 Datasheet HTML 156Page - PMC-Sierra, Inc PM5356 Datasheet HTML 157Page - PMC-Sierra, Inc PM5356 Datasheet HTML 158Page - PMC-Sierra, Inc PM5356 Datasheet HTML 159Page - PMC-Sierra, Inc PM5356 Datasheet HTML 160Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
146
are written to set up the arbitrary new pointer value, the S-bit values, and the
NDF pattern. A logic one is then written to this bit position to load the new
pointer value. The new data flag bit positions are set to the programmed NDF
pattern for the first frame; subsequent frames have the new data flag bit
positions set to the normal pattern (0110) unless the NDF bit described above
is set to a logic one.
Note: When loading an out of range pointer (that is a pointer with a value
greater than 782), the TPOP continues to operate with timing based on the
last valid pointer value. The out of range pointer value will of course be
inserted in the STS-12c/STM-4-4c stream. Although a valid SPE will continue
to be generated, it is unlikely to be extracted by downstream circuitry, which
should be in a loss of pointer state.
This bit is automatically cleared after the new payload pointer has been
loaded.
SOS:
The SOS bit controls the stuff opportunity spacing between consecutive SPE
positive or negative stuff events. When SOS is a logic zero, stuff events may
be generated every frame as controlled by the PSE and NSE register bits
described above. When SOS is a logic one, stuff events may be generated at
a maximum rate of once every four frames.
FTPTR:
The force transmit pointer bit (FTPTR) enables the insertion of the pointer
value contained in the Arbitrary Pointer Registers into the POUT[7:0] stream
for diagnostic purposes. This allows the ATM payload mapping circuitry to
continue functioning normally and a valid SPE to continue to be generated,
although it is unlikely to be extracted by downstream circuitry as the
downstream pointer processor should be in a loss of pointer state.
If FTPTR is set to logic one, the APTR[9:0] bits of the Arbitrary Pointer
Registers are inserted into the H1 and H2 bytes of the transmit stream. At
least one corrupted pointer is guaranteed to be sent. If FTPTR is a logic zero,
a valid pointer is inserted.
Reserved:
The reserved bits must be programmed to logic zero for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com