Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 148 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 148 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 144Page - PMC-Sierra, Inc PM5356 Datasheet HTML 145Page - PMC-Sierra, Inc PM5356 Datasheet HTML 146Page - PMC-Sierra, Inc PM5356 Datasheet HTML 147Page - PMC-Sierra, Inc PM5356 Datasheet HTML 148Page - PMC-Sierra, Inc PM5356 Datasheet HTML 149Page - PMC-Sierra, Inc PM5356 Datasheet HTML 150Page - PMC-Sierra, Inc PM5356 Datasheet HTML 151Page - PMC-Sierra, Inc PM5356 Datasheet HTML 152Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
138
Register 0x3A: RPOP Path FEBE LSB
Bit
Type
Function
Default
Bit 7
R
PFE[7]
X
Bit 6
R
PFE[6]
X
Bit 5
R
PFE[5]
X
Bit 4
R
PFE[4]
X
Bit 3
R
PFE[3]
X
Bit 2
R
PFE[2]
X
Bit 1
R
PFE[1]
X
Bit 0
R
PFE[0]
X
Register 0x3B: RPOP Path FEBE MSB
Bit
Type
Function
Default
Bit 7
R
PFE[15]
X
Bit 6
R
PFE[14]
X
Bit 5
R
PFE[13]
X
Bit 4
R
PFE[12]
X
Bit 3
R
PFE[11]
X
Bit 2
R
PFE[10]
X
Bit 1
R
PFE[9]
X
Bit 0
R
PFE[8]
X
These registers allow path FEBEs to be accumulated.
PFE[15:0]:
Bits PFE[15:0] represent the number of path FEBE errors (individual or block)
that have been detected since the last time the error count was polled. The
error count is polled by writing to either of the RPOP Path BIP-8 Register
addresses or to either of the RPOP Path FEBE Register addresses. Such a
write transfers the internally accumulated error count to the Path FEBE
Registers within approximately 7 µs and simultaneously resets the internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com