Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 17 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 13Page - Texas Instruments TMS570LS Datasheet HTML 14Page - Texas Instruments TMS570LS Datasheet HTML 15Page - Texas Instruments TMS570LS Datasheet HTML 16Page - Texas Instruments TMS570LS Datasheet HTML 17Page - Texas Instruments TMS570LS Datasheet HTML 18Page - Texas Instruments TMS570LS Datasheet HTML 19Page - Texas Instruments TMS570LS Datasheet HTML 20Page - Texas Instruments TMS570LS Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
2.3.6
PBIST RAM Self Test
The PBIST (Programmable Built-In Self Test) architecture provides a run-time-programmable memory
BIST engine for varying levels of test coverage across the device’s embedded RAM memory. The PBIST
architecture consists of a small CPU with an instruction set targeted specifically towards testing RAM
memories. This CPU includes both control and instruction registers necessary to execute the individual
memory algorithms. In order to minimize test load overhead, once an algorithm is loaded into the
instruction registers, it can be run on multiple memories of different sizes or types. The memory
configuration information and test algorithm code is stored in an on-chip ROM. The PBIST RAM groups
implemented on this device are shown in the following table. More information about memory self test can
be found in the PBIST chapter of the device TRM.
Table 2-8. PBIST RAM Grouping
RAM
Module
Memory Type
RGS
Test Pattern (Algorithm)
Group
/RDS(1)
Triple
Triple
March
Down 1A
Pre-
Map
DTXN 2A
PMOS
slow
fast read
13N
[HCLK/
charge
column
[HCLK/
open
read
[ROM
[HCLK/
VCLK(2)
[HCLK/
[HCLK/
VCLK(2)
[HCLK/
[ROM
clock
VCLK(2)
cycles]
VCLK(2)
VCLK(2)
cycles]
VCLK(2)
clock
cycles]
cycles]
cycles]
cycles]
cycles]
cycles]
1
PBIST
ROM
0/1
12290
4098
ROM
2
STC
ROM
13/1
24578
8194
ROM
3
DCAN1
SP
1/0..2
12600
2637
2064
1914
5490
11544
4
DCAN2
SP
2/0..2
12600
2637
2064
1914
5490
11544
5
DCAN3
SP
3/0..2
6360
1341
1104
1146
2754
5016
6
ESRAM
SP, multi-strobe
4/21..22
266320
52254
41120
33212
181260
409616
w/page mode
7
MibSPI
SP
5/0..5
50160
10458
7968
6900
21924
52272
8
VIM
SP
6/0
4200
879
688
638
1830
3848
9
MibADC
2P, sync write
7/0..1
8400
1758
1376
1276
3660
7696
async read
10
DMA
2P, sync write
8/0..5
18960
4410
3072
2772
6084
Not
async read
Available
11
NHET
2P, sync write
9/0..11
25440
5940
4224
4008
8136
20064
async read
12
HET TU
2P, sync write
10/0..5
6480
1530
1152
1236
2052
4272
async read
13
RTP
2P, sync write
11/0..8
37800
8775
6048
5310
12150
34632
async read
14
FlexRay
SP
12/0..7
175040
34872
27296
22608
108912
246336
15
ESRAM
SP, multi-strobe
4/20
133160
26127
20560
16606
90630
204808
w/ page mode
SP = Single Port RAM; 2P = Two Port RAM
(1)
RGS (RAM group select) and RDS (return data select) stand for an unique RAM select id. More information about the RGS and the
RDS can be found in the technical reference manual (TRM)
(2)
The test clock for ESRAM, DMA and RTP is HCLK; the test clock for other modules is VCLK.
NOTE
•
The March13N test algorithm is recommended for application testing.
•
The maximum PBIST test execution speed is limited to 100MHz.
•
The supply current while performing PBIST self test is different than the device operating
mode current. These values can be found in the Icc section of the device electrical
specifications.
Copyright © 2012, Texas Instruments Incorporated
Device Overview
17
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com