Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 88 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 88 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 84Page - Texas Instruments TMS570LS Datasheet HTML 85Page - Texas Instruments TMS570LS Datasheet HTML 86Page - Texas Instruments TMS570LS Datasheet HTML 87Page - Texas Instruments TMS570LS Datasheet HTML 88Page - Texas Instruments TMS570LS Datasheet HTML 89Page - Texas Instruments TMS570LS Datasheet HTML 90Page - Texas Instruments TMS570LS Datasheet HTML 91Page - Texas Instruments TMS570LS Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
7.11 CAN Controller Mode Timings
7.11.1 Dynamic Characteristics For The CANnTX And CANnRX Pins
Table 7-17. Dynamic Characteristics For The CANnTX And CANnRX Pins(1)
Parameter
MIN
MAX
Unit
td(CANnTX)
Delay time, transmit shift register to CANnTX pin(2)
15
ns
td(CANnRX)
Delay time, CANnRX pin to receive shift register
5
ns
(1)
These parameters are characterized from -40°C to 125°C only.
(2)
These values do not include rise/fall times of the output buffer.
7.12 SCI/LIN Mode Timings
At 100MHz Peripheral Clock, 3.125 Mbits/s is the Max SCI Baud Rate achievable.
7.13 FlexRay Controller Mode Timings
7.13.1 Jitter Timing
Table 7-18. Jitter Timing(1)
Parameter
MIN
MAX
Unit
tTx1bit
clock jitter and signal symmetry
98
102
ns
tTx10bit
FlexRay BSS (byte start sequence) to BSS
999
1001
ns
tTx10bitAvg
average over 10000 samples
999.5
1000.5
ns
tRxAsymDelay
delay difference between rise and fall from Rx pin to
-
2.5
ns
sample point in FlexRay core
(1)
Parameters characterized from -40°C to 125°C only.
88
Peripheral and Electrical Specifications
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com