Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 71 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 67Page - Texas Instruments TMS570LS Datasheet HTML 68Page - Texas Instruments TMS570LS Datasheet HTML 69Page - Texas Instruments TMS570LS Datasheet HTML 70Page - Texas Instruments TMS570LS Datasheet HTML 71Page - Texas Instruments TMS570LS Datasheet HTML 72Page - Texas Instruments TMS570LS Datasheet HTML 73Page - Texas Instruments TMS570LS Datasheet HTML 74Page - Texas Instruments TMS570LS Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 107 page
background image
Address Waitstates
Data Waitstates
RAM
Address Waitstates
Data Waitstates
Flash
0MHz
0MHz
0MHz
0MHz
f(HCLK)
f(HCLK)
f(HCLK)
f(HCLK)
100MHz
108MHz
72MHz
36MHz
0
1
2
3
0
1
0
0
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
7.1.5
Switching Characteristics Over Recommended Operating Conditions For Clocks
Table 7-4. Switching Characteristics Over Recommended Operating Conditions For Clocks
Parameter
Test Conditions
MIN
MAX
Unit
f(HCLK)
HCLK - System clock frequency (337 BGA
Pipeline mode enabled
160
MHz
packages)
Pipeline mode disabled
36
MHz
f(HCLK)
HCLK - System clock frequency (144pin QFP
Pipeline mode enabled
140
MHz
package)
Pipeline mode disabled
36
MHz
f(GCLK)
GCLK - CPU clock frequency (ratio GCLK :
f(HCLK)
MHz
HCLK = 1:1)
f(RCLK)
RCLK - Frequency out of PLL macro into R-
160
MHz
divider
f(RTICLK)
(1)
RTICLK - clock frequency
f(VCLK)
MHz
f(VCLK)
VCLK - Primary peripheral clock frequency
f(VCLK2)
MHz
f(VCLK2)
VCLK2 - Secondary peripheral clock frequency
100
MHz
f(AVCLK1)
AVCLK1 - Primary asynchronous peripheral clock
f(VCLK)
MHz
frequency
f(AVCLK2)
AVCLK2 - Secondary asynchronous peripheral
f(VCLK)
MHz
clock frequency
f(ECLK)
(2)
ECLK - External clock output frequency for ECP
80
MHz
Module
f(PROG/ERASE)
System clock frequency - Flash
f(HCLK)
MHz
programming/erase
(1)
If the RTIx clock source is chosen to be anything other than the default VCLK, then the RTI clock needs to be at least three times slower
than the VCLK.
(2)
(ECLK) = f(VCLK) / N, where N = {1 to 65536}. N is the ECP prescale value defined by the ECPCNTL.[15:0] register bits in the System
module. Pipeline mode enabled or disabled is determined by the FRDCNTL[2:0].
7.1.5.1
Timing - Wait States
Figure 7-3. Wait States
NOTE
If FMzPLL frequency modulation is enabled, special care must be taken to ensure that the
maximum system clock frequency f(HCLK) and peripheral clock frequency f(VCLK) are not
exceeded. The speed of the device clocks may need be derated to accommodate the
modulation depth when FMzPLL frequency modulation is enabled.
Copyright © 2012, Texas Instruments Incorporated
Peripheral and Electrical Specifications
71
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com