Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 60 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 60 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 56Page - Texas Instruments TMS570LS Datasheet HTML 57Page - Texas Instruments TMS570LS Datasheet HTML 58Page - Texas Instruments TMS570LS Datasheet HTML 59Page - Texas Instruments TMS570LS Datasheet HTML 60Page - Texas Instruments TMS570LS Datasheet HTML 61Page - Texas Instruments TMS570LS Datasheet HTML 62Page - Texas Instruments TMS570LS Datasheet HTML 63Page - Texas Instruments TMS570LS Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
5.2
Die-ID Registers
The two registers (DIEIDL and DIEIDH) form a 64-bit number that contains information about the device’s
die lot number, wafer number and X, Y wafer coordinates. The die identification information will vary from
unit to unit. This information is programmed by TI as part of the initial device test procedure. The data
format of the Die-ID registers is shown here.
Figure 5-2. DIEIDL Register (Location: 0xFFFF FF7C)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
LOT (LOWER 10 BITS)
WAFER #
R-D
R-D
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Y WAFER COORDINATES
X WAFER COORDINATES
R-D
R-D
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset; D= device dependent
Figure 5-3. DIEIDH Register (Location: 0xFFFF FF80)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESERVED
R-D
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
LOT # (UPPER 14 BITS)
R-D
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset; D= device dependent
60
Device Registers
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com