Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 26 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 22Page - Texas Instruments TMS570LS Datasheet HTML 23Page - Texas Instruments TMS570LS Datasheet HTML 24Page - Texas Instruments TMS570LS Datasheet HTML 25Page - Texas Instruments TMS570LS Datasheet HTML 26Page - Texas Instruments TMS570LS Datasheet HTML 27Page - Texas Instruments TMS570LS Datasheet HTML 28Page - Texas Instruments TMS570LS Datasheet HTML 29Page - Texas Instruments TMS570LS Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
Table 2-9. Terminal Functions (continued)
Terminal
Internal
TMS570LS20216
TMS570LS20206
Type
pullup/p
Description
Name
ulldown
337
144
337
144
Multibuffered Serial Peripheral Interface - Parallel (MIBSPIP5)
MIBSPI5CLK/DM
MIBSPI5 clock pin or GIO pin;
H19
91
H19
91
4mA
MDATA[4]
multiplexed with DMMDATA[4] pin
MIBSPI5CS[0]/DM
E19
92
E19
92
MDATA[5]
MIBSPI5CS[1]/DM
B6
93
B6
93
MDATA[6]
MIBSPI5 slave chip select pins or GIO
pins; multiplexed with DMMDATA pins
MIBSPI5CS[2]/DM
W6
W6
2mA - z
MDATA[2]
MIBSPI5CS[3]/DM
T12
T12
MDATA[3]
MIBSPI5ENA/DM
MIBSPI5 enable pin or GIO pin;
H18
94
H18
94
MDATA[7]
multiplexed with DMMDATA[7] pin
MIBSPI5SIMO[0]/
Program
J19
95
J19
95
DMMDATA[8]
mable
3.3V I/O
IPU
DMMDATA[9]/MIB
E16
96
E16
96
MIBSPI5 data stream - Slave in/master
(20uA)
SPI5SIMO[1]
out pins or GIO pins; multiplexed with
MIBSPI5SIMO[2]/
DMMDATA pins
H17
97
H17
97
DMMDATA[10]
MIBSPI5SIMO[3]/
G17
98
G17
98
DMMDATA[11]
4mA
MIBSPI5SOMI[0]/
J18
99
J18
99
DMMDATA[12]
MIBSPI5SOMI[1]/
E17
100
E17
100
MIBSPI5 data stream - Slave out/master
DMMDATA[13]
in pins or GIO pins; multiplexed with
MIBSPI5SOMI[2]/
DMMDATA pins
H16
101
H16
101
DMMDATA[14]
MIBSPI5SOMI[3]/
G16
102
G16
102
DMMDATA[15]/
Multibuffered Analog-To-Digital Converter (MIBADC1)
Program
mable
AD1EVT
N19
84
N19
84
3.3V I/O
2 mA - z
MibADC1 event input pin or GIO pin
IPD
(20uA)
AD1IN[0]
W14
83
W14
83
AD1IN[1]
V17
82
V17
82
AD1IN[2]
V18
81
V18
81
AD1IN[3]
T17
80
T17
80
3.3V I
MibADC1 analog input pins
AD1IN[4]
U18
79
U18
79
AD1IN[5]
R17
78
R17
78
AD1IN[6]
T19
77
T19
77
AD1IN[7]
V14
76
V14
76
26
Device Overview
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com