Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 4Page - Texas Instruments TMS570LS Datasheet HTML 5Page - Texas Instruments TMS570LS Datasheet HTML 6Page - Texas Instruments TMS570LS Datasheet HTML 7Page - Texas Instruments TMS570LS Datasheet HTML 8Page - Texas Instruments TMS570LS Datasheet HTML 9Page - Texas Instruments TMS570LS Datasheet HTML 10Page - Texas Instruments TMS570LS Datasheet HTML 11Page - Texas Instruments TMS570LS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
2
Device Overview
2.1
Terms and Acronyms
Table 2-1. Terms and Acronyms
Terms and Acronyms
Description
Comments
ADC
Analog To Digital Converter
AHB
Advanced High-performance Bus
Part of the R4 core
CCM-R4
CPU Compare Module for CortexTM-R4F
CRC
Cyclic Redundancy Check Controller
DAP
Debug Access Port
DAP is an implementation of an ARM Debug Interface.
DCAN
Controller Area Network
DMA
Direct Memory Access
DMM
Data Modification Module
ECC
Error Correction Code
EMIF
External Memory Interface
ESM
Error Signaling Module
ETM
Embedded Trace Module
FMzPLL
Frequency-Modulated Zero-Pin Phase-Locked
Loop
FPLL
FlexRay Phase-Locked Loop
GIO
General-Purpose Input/Output
HET
High-End Timer
ICEPICK
In Circuit Emulation TAP (Test Access Port)
ICEPick can connect or isolate a module level TAP to or from a
Selection Module
higher level chip TAP. ICEPick was designed with both
emulation and test requirements in mind.
JTAG
Joint Test Access Group
IEEE Committee responsible for Test Access Ports
LBIST
Logic Built-In Self Test
Test the integrity of R4 CPU
LIN
Local Interconnect Network
VIM
Vectored Interrupt Manager
MibSPI
Multi-Buffered Serial Peripheral Interface
MPU
Memory Protection Unit
OSC
Oscillator
PBIST
Programmable Built-In Self Test
Test the integrity of SRAM
PCR
Peripheral Central Resource
POM
Parameter Overlay Module
The POM provides a mechanism to redirect accesses to non-
volatile memory into a volatile memory external to the device.
PSA
Parallel Signature Analysis
RTI
Real-Time Interrupt
RTP
RAM Trace Port
SCR
Switch Central Resource
SCI
Serial Communication Interface
SECDED
Single Error Correction and Double Error
Detection
STC
Self Test Controller
SYS
System Module
TU
Transfer Unit
VBUS
Virtual Bus
One of the protocols that comprises CBA (Common Bus
Architecture)
VBUSP
Virtual Bus-Pipelined
One of the protocols that comprises CBA (Common Bus
Architecture)
VMON
Voltage Monitor
8
Device Overview
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com