Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 89 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 89 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 85Page - Texas Instruments TMS570LS Datasheet HTML 86Page - Texas Instruments TMS570LS Datasheet HTML 87Page - Texas Instruments TMS570LS Datasheet HTML 88Page - Texas Instruments TMS570LS Datasheet HTML 89Page - Texas Instruments TMS570LS Datasheet HTML 90Page - Texas Instruments TMS570LS Datasheet HTML 91Page - Texas Instruments TMS570LS Datasheet HTML 92Page - Texas Instruments TMS570LS Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
7.14 EMIF Timings
Table 7-19. EMIF Read/Write Mode Switching Characteristics(1)(2)
NO
Parameter
Description
MIN
MAX
Unit
Reads and Writes
1
td(TURNAROUND)
(
Turn around time
(TA + 1) * E -
(TA + 1) * E -
ns
3)
tr(CS) - 2
tr(CS) + 3
Reads
2
tc(EMRCYCLE)
EMIF read cycle time
(RS + RST +
(RS + RST +
ns
RH + TA +4) *
RH + TA +4) *
E - tf(CS) - 3
E - tf(CS) + 3
3
tsu(EMCSL-EMOEL) Output setup time, EMIFCS[3:0] low to EMIFOE
(RS +1) * E -
(RS +1) * E -
ns
low (SS=0)
tf(CS) + tf(OE) - 5
tf(CS) + tf(OE) + 5
Output setup time, EMIFCS[3:0] low to EMIFOE
- tf(CS) + tf(OE) -
- tf(CS) + tf(OE) +
ns
low (SS=1)
5
5
4
th(EMOEH-EMCSH) Output hold time, EMIFOE high to EMIFCS[3:0]
(RH +1) * E -
(RH +1) * E -
ns
high (SS=0)
tr(OE) + tr(CS) - 4 tr(OE) + tr(CS) + 6
Output hold time, EMIFOE high to EMIFCS[3:0]
- tr(OE) + tr(CS) -
- tr(OE) + tr(CS) +
ns
high (SS=1)
4
6
5
tsu(EMBAV-EMOEL) Output setup time, EMIFBADD[1:0] valid to
(RS +1) * E -
(RS +1) * E -
ns
EMIFOE low
trf(AD) + tf(OE) - 5
trf(AD) + tf(OE) +
5
6
th(EMOEH-EMBAIV) Output hold time, EMIFOE high to
(RH +1) * E -
(RH +1) * E -
ns
EMIFBADD[1:0] invalid
tr(OE) - 5
tr(OE) + 5
7
tsu(EMAV-EMOEL)
Output setup time, EMIFADD[21:0] valid to
(RS +1) * E -
(RS +1) * E -
ns
EMIFOE low
trf(AD) + tf(OE) - 6
trf(AD) + tf(OE) +
6
8
th(EMOEH-EMAIV)
Output hold time, EMIFOE high to EMIFADD[21:0]
(RH +1) * E -
(RH +1) * E -
ns
invalid
tr(OE) - 5
tr(OE) + 6
9
tw(EMOEL)
(3)
EMIFOE active low width
(RST +1) * E -
(RST +1) * E -
ns
tf(OE) - 1
tf(OE) + 0
10
tsu(EMDV-EMOEH)
Setup time, EMIFD[15:0] valid before EMIFOE
tr(OE) + 9
ns
high
11
th(EMOEH-EMDV)
Hold time, EMIFD[15:0] valid after EMIFOE high
- tr(OE) - 3
Writes
12
tc(EMWCYCLE)
EMIF write cycle time
(WS + WST +
(WS + WST +
ns
WH + TA +4) *
WH + TA +4) *
E - tf(CS) - 3
E - tf(CS) + 2
13
tsu(EMCSL-EMWEL) Output setup time, EMIFCS[3:0] low to EMIFWE
(WS +1) * E -
(WS +1) * E -
ns
low (SS=0)
tf(CS) + tf(WE) - 5 tf(CS) + tf(WE) + 5
Output setup time, EMIFCS[3:0] low to EMIFWE
- tf(CS) + tf(WE) -
- tf(CS) + tf(WE) +
ns
low (SS=1)
5
5
14
th(EMWEH-EMCSH) Output hold time, EMIFWE high to EMIFCS[3:0]
(WH +1) * E -
(WH +1) * E -
ns
high (SS=0)
tr(WE) + tr(CS) - 4
tr(WE) + tr(CS) +
5
Output hold time, EMIFWE high to EMIFCS[3:0]
- tr(WE) + tr(CS) -
- tr(WE) + tr(CS) +
ns
high (SS=1
4
5
15
tsu(EMBAV-EMWEL) Output setup time, EMIFBADD[1:0] valid to
(WS +1) * E -
(WS +1) * E -
ns
EMIFWE low
trf(AD) + tf(WE) - 5
trf(AD) + tf(WE) +
5
16
th(EMWEH-EMBAIV) Output hold time, EMIFWE high to EMBADD[1:0]
(WH +1) * E -
(WH +1) * E -
ns
invalid
tr(WE) - 5
tr(WE) + 5
17
tsu(EMAV-EMWEL)
Output setup time, EMIFADD[21:0] valid to
(WS +1) * E -
(WS +1) * E -
ns
EMIFWE low
trf(AD) + tf(WE) - 6
trf(AD) + tf(WE) +
6
(1)
RS = Read setup, RST = Read Strobe, RH = Read Hold, WS = Write Setup, WST = Write Strobe, WH = Write Hold, TA = Turn Around,
SS= Strobe Select Mode
(2)
E = VCLK period in ns.
(3)
Parameters characterized from -40°C to 125°C only.
Copyright © 2012, Texas Instruments Incorporated
Peripheral and Electrical Specifications
89
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com