Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 82 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 82 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 78Page - Texas Instruments TMS570LS Datasheet HTML 79Page - Texas Instruments TMS570LS Datasheet HTML 80Page - Texas Instruments TMS570LS Datasheet HTML 81Page - Texas Instruments TMS570LS Datasheet HTML 82Page - Texas Instruments TMS570LS Datasheet HTML 83Page - Texas Instruments TMS570LS Datasheet HTML 84Page - Texas Instruments TMS570LS Datasheet HTML 85Page - Texas Instruments TMS570LS Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
7.9.2
SPI Master Mode External Timing Parameters (CLOCK PHASE = 1, SPICLK = output,
SPISIMO = output, and SPISOMI = input)
Table 7-14. SPI Master Mode External Timing Parameters(1)(2)(3)
NO.
MIN
MAX
Unit
1
tc(SPC)M
Cycle time, SPICLK (4)
50
256tc(VCLK)
ns
2(5)
tw(SPCH)M
Pulse duration, SPICLK high (clock polarity = 0)
0.5tc(SPC)M – 3 – tr
0.5tc(SPC)M + 5
ns
tw(SPCL)M
Pulse duration, SPICLK low (clock polarity = 1)
0.5tc(SPC)M – 3 – tf
0.5tc(SPC)M + 5
3(5)
tw(SPCL)M
Pulse duration, SPICLK low (clock polarity = 0)
0.5tc(SPC)M – 3 – tr
0.5tc(SPC)M + 5
ns
tw(SPCH)M
Pulse duration, SPICLK high (clock polarity = 1)
0.5tc(SPC)M – 3 – tf
0.5tc(SPC)M + 5
4(5)
td(SIMO-SPCH)M
Delay time, SPICLK high after SPISIMO data
0.5tc(SPC)M – 10
ns
valid(clock polarity = 0)
td(SIMO-SPCL)M
Delay time, SPICLK low after SPISIMO data valid
0.5tc(SPC)M – 10
(clock polarity = 1)
5(5)
tv(SPCH-SIMO)M
Valid time, SPISIMO data valid after SPICLK
0.5tc(SPC)M – tr(SPC) – 7
ns
high(clock polarity = 0)
tv(SPCL-SIMO)M
Valid time, SPISIMO data valid after SPICLK
0.5tc(SPC)M – tf(SPC) – 7
low(clock polarity = 1)
6(5)
tsu(SOMI-SPCH)M
Setup time, SPISOMI before SPICLK high (clock
tr(SPC)+4
ns
polarity = 0)
tsu(SOMI-SPCL)M
Setup time, SPISOMI before SPICLK low (clock
tf(SPC)
polarity = 1)
7(5)
tv(SPCH-SOMI)M
Valid time, SPISOMI data valid after SPICLK high
10
ns
(clock polarity = 0)
tv(SPCL-SOMI)M
Valid time, SPISOMI data valid after SPICLK low
10
(clock polarity = 1)
8(6)
tC2TDELAY
Setup time CS active until SPICLK high, assumes
(C2TDELAY+CSHOLD+
(C2TDELAY+CSHOLD+
ns
that SPInENA is low at tSPIENA (clock polarity = 0)
2)*tc(VCLK) +0.5*tc(SPC)M - 2)*tc(VCLK) +0.5*tc(SPC)M -
tf(SPICS) + tr(SPC) - 9
tf(SPICS) + tr(SPC) + 5
Setup time CS active until SPICLK low, assumes
(C2TDELAY+CSHOLD+
(C2TDELAY+CSHOLD+
ns
that SPInENA is low at tSPIENA (clock polarity = 1)
2)*tc(VCLK) + 0.5*tc(SPC)M
2)*tc(VCLK) + 0.5*tc(SPC)M
- tf(SPICS) + tf(SPC) - 9
- tf(SPICS) + tf(SPC) + 5
9(6)
tT2CDELAY
Hold time SPICLK low until CS inactive (clock
T2CDELAY*tc(VCLK) +
T2CDELAY*tc(VCLK) +
ns
polarity = 0)
tc(VCLK) - tf(SPC) + tr(SPICS) tc(VCLK) - tf(SPC) + tr(SPICS)
- 5
+ 10
Hold time SPICLK high until CS inactive (clock
T2CDELAY*tc(VCLK) +
T2CDELAY*tc(VCLK) +
ns
polarity = 1)
tc(VCLK) - tr(SPC) +
tc(VCLK) - tr(SPC) +
tr(SPICS)- 5
tr(SPICS)+ 10
10
tSPIENA
SPIENAn Sample Point
C2TDELAY * tc(VCLK) -
C2TDELAY * tc(VCLK)
ns
tf(SPICS)- 20
11
tSPIENAW
SPIENAn Sample point from write to buffer
(C2TDELAY+2)*tc(VCLK)
ns
(1)
The MASTER bit (SPIGCR1.0) is set and the CLOCK PHASE bit (SPIFMTx.16) is set.
(2)
tc(VCLK) = interface clock cycle time = 1 / f(VCLK)
(3)
For rise and fall timings, see the "switching characteristics for output timings versus load capacitance" table.
(4)
When the SPI is in Master mode, the following must be true:
For PS values from 1 to 255: tc(SPC)M ≥ (PS +1)tc(VCLK) ≥ 50 ns, where PS is the prescale value set in the SPIFMTx.[15:8] register bits.
For PS values of 0: tc(SPC)M = 2tc(VCLK) ≥ 50 ns. The external load on the SPICLK pin must be less than 60pF.
(5)
The active edge of the SPICLK signal referenced is controlled by the CLOCK POLARITY bit (SPIFMTx.17).
(6)
C2TDELAY and T2CDELAY are programmed in the SPIDELAY register
82
Peripheral and Electrical Specifications
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com