Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 48 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 44Page - Texas Instruments TMS570LS Datasheet HTML 45Page - Texas Instruments TMS570LS Datasheet HTML 46Page - Texas Instruments TMS570LS Datasheet HTML 47Page - Texas Instruments TMS570LS Datasheet HTML 48Page - Texas Instruments TMS570LS Datasheet HTML 49Page - Texas Instruments TMS570LS Datasheet HTML 50Page - Texas Instruments TMS570LS Datasheet HTML 51Page - Texas Instruments TMS570LS Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
4.5
MIBADC Event Trigger Sources
All three conversion groups can be configured for event-triggered operation, providing up to three event
triggered groups.
The trigger source and polarity can be selected individually for group 1, group 2 and the event group from
the options identified in the first table following for MibADC1 and in the second table following for
MibADC2.
Table 4-6. MIBADC1 Event Trigger Sources
Event #
SOURCE SELECT BITS for G1, G2 or
Hookup
EVENT (G1SRC[2:0], G2SRC[2:0] or
EVSRC[2:0])
1
000
AD1EVT
2
001
NHET[8]
3
010
NHET[10]
4
011
RTI compare 0
5
100
NHET[17]
6
101
NHET[19]
7
110
GIOB[0]
8
111
GIOB[1]
NOTE
The Trigger is present, even if the pin is not available.
Table 4-7. MIBADC2 Event Trigger Sources
Event #
SOURCE SELECT BITS for G1, G2 or
Hookup
EVENT (G1SRC[2:0], G2SRC[2:0] or
EVSRC[2:0])
1
000
AD2EVT
2
001
NHET[8]
3
010
NHET[10]
4
011
RTI compare 0
5
100
NHET[17]
6
101
NHET[19]
7
110
GIOB[0]
8
111
GIOB[1]
NOTE
The Trigger is present, even if the pin is not available.
The application can generate the trigger condition using these signals by configuring the corresponding
device pins as input pins and driving them from an external source, or by configuring them as output pins
and driving them by software. The pin doesn't have to be present on the package to be able to be used as
a trigger.
The interrupt request signals (RTI compare 0) are driven HIGH when the interrupt condition occurs. So if
the ADC is required to be triggered on the interrupt being asserted, select the rising edge for this trigger
source. The ADC can be still triggered using the falling edge on the interrupt line. In this case, the falling
edge occurs when the interrupt line is deasserted.
48
Peripherals
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com