Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 53 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 49Page - Texas Instruments TMS570LS Datasheet HTML 50Page - Texas Instruments TMS570LS Datasheet HTML 51Page - Texas Instruments TMS570LS Datasheet HTML 52Page - Texas Instruments TMS570LS Datasheet HTML 53Page - Texas Instruments TMS570LS Datasheet HTML 54Page - Texas Instruments TMS570LS Datasheet HTML 55Page - Texas Instruments TMS570LS Datasheet HTML 56Page - Texas Instruments TMS570LS Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 107 page
background image
CPU 1
CPU 2
1.5cycle delay
1.5cycle delay
CCM-R4
CPU1CLK
CPU2CLK
Compare
Error
CCM-R4
Compare
TMS570LS20206-EP, TMS570LS20216-EP
www.ti.com
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
4.9
CCM
4.9.1
Dual Core Implementation
The microcontroller has two Cortex-R4 cores, where the output signals of both CPUs are compared in the
CCM-R4 (Core Compare Module). To avoid common mode impacts the signals of the CPUs to be
compared are delayed in a different way as shown in the following figure.
Figure 4-2. Dual Core Implementation
4.9.2
CCM-R4
To avoid an erroneous CCM-R4 compare error, the application software must ensure that the CPU
registers of both CPUs are initialized with the same values before the 1st function call or other operation
that pushes the CPU registers onto the stack. All CCM-R4 error forcing test modes are limited to 100MHz
HCLK speed.
Copyright © 2012, Texas Instruments Incorporated
Peripherals
53
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com