Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 56 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 56 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 52Page - Texas Instruments TMS570LS Datasheet HTML 53Page - Texas Instruments TMS570LS Datasheet HTML 54Page - Texas Instruments TMS570LS Datasheet HTML 55Page - Texas Instruments TMS570LS Datasheet HTML 56Page - Texas Instruments TMS570LS Datasheet HTML 57Page - Texas Instruments TMS570LS Datasheet HTML 58Page - Texas Instruments TMS570LS Datasheet HTML 59Page - Texas Instruments TMS570LS Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
4.15 CPU Self Test Controller: STC / LBIST
The CPU Self Test Controller (STC) is used to test the ARM CPU core using a Deterministic Logic BIST
(LBIST) Controller as the test engine. The STC has the capability of dividing the complete test run into
smaller independent test sets (intervals). The test coverage and number of test execution cycles for each
test interval is shown in the table below.
The maximum clock rate for the STC / LBIST is:
•
53.333MHz when HCLK = 160MHz / VCLK = 80MHz on BGA package
•
50MHz when HCLK = 100MHz / VCLK = 100MHz on QFP and BGA packages
•
46.666MHz when HCLK = 140MHz / VCLK = 70MHz on QFP and BGA packages
In order to achieve the proper clock rate during CPU self test a STC clock divider has been implemented.
The clock divider is set by the CLKDIV bits in STCCLKDIV register in the secondary system module frame
at location 0xFFFF E108. The default value of the CPU Self Test LBIST clock divider is set to 'divide-by-1’.
NOTE
The supply current while performing CPU self test is different than the device operating
mode current. These values can be found in the Icc section of Section 6.5.
Table 4-16. STC/LBIST Test Coverage and Duration
Intervals
Test Coverage
Test Cycles (STC Clock Cycles)
0
0%
0
1
57.14%
1,555
2
65.82%
3,108
3
70.56%
4,661
4
73.56%
6,214
5
76.06%
7,767
6
78.07%
9,320
7
79.62%
10,873
8
80.92%
12,426
9
82.1%
13,979
10
82.94%
15,532
11
83.76%
17,085
12
84.51%
18,638
13
85.12%
20,191
14
85.62%
21,744
15
86.19%
23,297
16
86.56%
24,850
17
86.97%
26,403
18
87.33%
27,956
19
87.67%
29,509
20
88.01%
31,062
21
88.31%
32,615
22
88.58%
34,168
23
88.87%
35,721
24
89.11%
37,274
25
89.34%
38,827
26
89.59%
40,380
27
89.82%
41,933
28
90.05%
43,486
56
Peripherals
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com