Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS Datasheet(PDF) 50 Page - Texas Instruments

Part # TMS570LS
Description  Series 16/32-BIT RISC Flash Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS Datasheet(HTML) 50 Page - Texas Instruments

Back Button TMS570LS Datasheet HTML 46Page - Texas Instruments TMS570LS Datasheet HTML 47Page - Texas Instruments TMS570LS Datasheet HTML 48Page - Texas Instruments TMS570LS Datasheet HTML 49Page - Texas Instruments TMS570LS Datasheet HTML 50Page - Texas Instruments TMS570LS Datasheet HTML 51Page - Texas Instruments TMS570LS Datasheet HTML 52Page - Texas Instruments TMS570LS Datasheet HTML 53Page - Texas Instruments TMS570LS Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 107 page
background image
TMS570LS20206-EP, TMS570LS20216-EP
SPNS209A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
Table 4-10. MIBSPI5 Event Trigger Sources
Event
TGxCTRL TRIGSRC[3:0]
Hookup
Disabled
0000
No trigger source
EVENT0
0001
GIOA[0]
EVENT1
0010
GIOA[1]
EVENT2
0011
GIOA[2]
EVENT3
0100
GIOA[3]
EVENT4
0101
GIOA[4]
EVENT5
0110
GIOA[5]
EVENT6
0111
GIOA[6]
EVENT7
1000
GIOA[7]
EVENT8
1001
NHET[8]
EVENT9
1010
NHET[10]
EVENT10
1011
NHET[12]
EVENT11
1100
NHET[14]
EVENT12
1101
NHET[16]
EVENT13
1110
NHET[18]
EVENT14
1111
Internal Tick counter
4.6.2
MIBSPIP5/DMM Pin Multiplexing
The multiplexing of MIBSPIP5 and DMM pins are controlled by the status of the MIBSPIP5 module and
the DMM module. The pins will have DMM functionality if the DMM module is enabled and the MIBSPIP5
module is disabled; if the MIBSPIP5 is enabled the pins will have MIBSPI functionality, regardless of the
DMM module status. DMMCLK, DMMSYNC, DMMENA and DMMDATA[1:0] are always functional
independent of the MIBSPIP5 configuration because they are not multiplexed. The related pin numbers
can be found in the MIBSPI5 and the DMM section of the Terminal Functions chapter. The following table
shows the MIBSPI5 and DMM Data pin multiplexing.
Table 4-11. MIBSPIP5 Pin Multiplexing
MIBSPIP5 enabled
DMM enabled &MIBSPIP5 disabled
MIBSPI5CLK
DMMDATA[4]
MIBSPI5CS[0]
DMMDATA[5]
MIBSPI5CS[1]
DMMDATA[6]
MIBSPI5CS[2]
DMMDATA[2]
MIBSPI5CS[3]
DMMDATA[3]
MIBSPI5ENA
DMMDATA[7]
MIBSPI5SIMO[0]
DMMDATA[8]
MIBSPI5SIMO[1]
DMMDATA[9]
MIBSPI5SIMO[2]
DMMDATA[10]
MIBSPI5SIMO[3]
DMMDATA[11]
MIBSPI5SOMI[0]
DMMDATA[12]
MIBSPI5SOMI[1]
DMMDATA[13]
MIBSPI5SOMI[2]
DMMDATA[14]
MIBSPI5SOMI[3]
DMMDATA[15]
50
Peripherals
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20206-EP TMS570LS20216-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com